Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC24FV32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC24FV32KA302 Datasheet HTML 33Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 34Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 35Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 36Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 37Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 38Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 39Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 40Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 320 page
background image
PIC24FV32KA304 FAMILY
DS39995B-page 37
 2011 Microchip Technology Inc.
4.0
MEMORY ORGANIZATION
As
Harvard
architecture
devices,
the
PIC24F
microcontrollers feature separate program and data
memory space and bussing. This architecture also
allows the direct access of program memory from the
data space during code execution.
4.1
Program Address Space
The
program
address
memory
space
of
the
PIC24FV32KA304 family is 4M instructions. The space
is addressable by a 24-bit value derived from either the
23-bit Program Counter (PC) during program execution,
or from a table operation or data space remapping, as
described in Section 4.3 “Interfacing Program and
Data Memory Spaces”
.
User access to the program memory space is restricted
to the lower half of the address range (000000h to
7FFFFFh). The exception is the use of TBLRD/TBLWT
operations, which use TBLPAG<7> to permit access to
the Configuration bits and Device ID sections of the
configuration memory space.
Memory maps for the PIC24FV32KA304 family of
devices are shown in Figure 4-1.
FIGURE 4-1:
PROGRAM SPACE MEMORY MAP FOR PIC24FV32KA304 FAMILY DEVICES
000000h
0000FEh
000002h
000100h
F80010h
F80012h
FEFFFEh
FFFFFFh
000004h
000200h
0001FEh
000104h
Note:
Memory areas are not displayed to scale.
Reset Address
Device Config Registers
DEVID (2)
GOTO
Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FV32KA304
FF0000h
F7FFFEh
F80000h
800000h
7FFFFFh
Reserved
Unimplemented
Read ‘0’
Reset Address
DEVID (2)
GOTO
Instruction
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FV16KA304
Device Config Registers
Reserved
Unimplemented
Read ‘0’
002BFEh
User Flash
Program Memory
(11264 instructions)
7FFE00h
Data EEPROM
Data EEPROM
Flash
Program Memory
(5632 instructions)
0057FEh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com