Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302 Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC24FV32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC24FV32KA302 Datasheet HTML 13Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 14Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 15Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 16Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 17Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 18Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 19Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 20Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 17
PIC24FV32KA304 FAMILY
FIGURE 1-1:
PIC24FV32KA304 FAMILY GENERAL BLOCK DIAGRAM
Instruction
Decode and
Control
16
PCH
PCL
16
Program Counter
16-Bit ALU
23
24
Data Bus
Inst Register
16
Divide
Support
Inst Latch
16
EA MUX
Read AGU
Write AGU
16
16
8
Interrupt
Controller
PSV and Table
Data Access
Control Block
Stack
Control
Logic
Repeat
Control
Logic
Data Latch
Data RAM
Address
Latch
Address Latch
Program Memory
Data Latch
16
Address Bus
23
Control Signals
16
16
16 x 16
W Reg Array
Multiplier
17x17
PORTA(1)
RA<0:7>
PORTB(1)
RB<0:15>
Note 1:
All pins or features are not implemented on all device pinout configurations. See Table 1-3 for I/O port pin
descriptions.
Comparators
Timer4/5
Timer2/3
CTMU
IC1-3
ADC
12-Bit
PWM/
SPI1
I2C1
CN1-22(1)
UART1/2
Data EEPROM
OSCI/CLKI
OSCO/CLKO
VDD, VSS
Timing
Generation
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
BOR
FRC/LPRC
Oscillators
DSWDT
Timer1
RTCC
REFO
OC1-3
HLVD
PORTC(1)
RC<9:0>
Precision
Reference
Band Gap
Voltage
VCAP
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com