Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302 Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC24FV32KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302 Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC24FV32KA302 Datasheet HTML 40Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 41Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 42Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 43Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 44Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 45Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 46Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 47Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 320 page
background image
TABLE 4-6:
TIMER REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TMR1
0100
TMR1
0000
PR1
0102
PR1
FFFF
T1CON
0104
TON
—TSIDL
—
—
—
T1ECS1
T1ECS0
—
TGATE
TCKPS1
TCKPS0
—
TSYNC
TCS
—
0000
TMR2
0106
TMR2
0000
TMR3HLD
0108
TMR3HLD
0000
TMR3
010A
TMR3
0000
PR2
010C
PR2
0000
PR3
010E
PR3
FFFF
T2CON
0110
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
T32
—TCS
—
FFFF
T3CON
0112
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
—
—TCS
—
0000
TMR4
0114
TMR4
0000
TMR5HLD
0116
TMR5HLD
0000
TMR5
0118
TMR5
0000
PR4
011A
PR4
FFFF
PR5
011C
PR5
FFFF
T4CON
011E
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
T45
—TCS
—
0000
T5CON
0120
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
—
—TCS
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-7:
INPUT CAPTURE REGISTER MAP
File
Name
Addr Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
IC1CON1 0140
—
—
ICSIDL
ICTSEL2
ICTSEL1
ICTSEL0
—
—
—
ICI1
ICI0
ICOV
ICBNE
ICM2
ICM1
ICM0
0000
IC1CON2 0142
—
—
—
—
—
—
—
IC32
ICTRIG
TRIGSTAT
—
SYNCSEL4 SYNCSEL3 SYNCSEL2 SYNCSEL1 SYNCSEL0
000D
IC1BUF
0144
IC1BUF
0000
IC1TMR
0146
IC1TMR
xxxx
IC2CON1 0148
—
—
ICSIDL IC2TSEL2 IC2TSEL1 IC2TSEL0
—
—
—
ICI1
ICI0
ICOV
ICBNE
ICM2
ICM1
ICM0
0000
IC2CON2 014A
—
—
—
—
—
—
—
IC32
ICTRIG
TRIGSTAT
—
SYNCSEL4 SYNCSEL3 SYNCSEL2 SYNCSEL1 SYNCSEL0
000D
IC2BUF
014C
IC2BUF
0000
IC2TMR
014E
IC2TMR
xxxx
IC3CON1 0150
—
—
ICSIDL IC3TSEL2 IC3TSEL1 IC3TSEL0
—
—
—
ICI1
ICI0
ICOV
ICBNE
ICM2
ICM1
ICM0
0000
IC3CON2 0152
—
—
—
—
—
—
—
IC32
ICTRIG
TRIGSTAT
—
SYNCSEL4 SYNCSEL3 SYNCSEL2 SYNCSEL1 SYNCSEL0
000D
IC3BUF
0154
IC3BUF
0000
IC3TMR
0156
IC3TMR
xxxx
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com