Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF3201C Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST39VF3201C
Description  32 Mbit (x16) Multi-Purpose Flash Plus Active Current: 6 mA
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF3201C Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST39VF3201C Datasheet HTML 17Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 18Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 19Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 20Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 21Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 22Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 23Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 24Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
©2011 Silicon Storage Technology, Inc.
DS25020A
06/11
21
32 Mbit Multi-Purpose Flash Plus
SST39VF3201C / SST39VF3202C
Preliminary Specifications
A Microchip Technology Company
Figure 5: Read Cycle Timing Diagram
Figure 6: WE# Controlled Program Cycle Timing Diagram
1410 F03.0
ADDRESS AMS-0
DQ15-0
WE#
OE#
CE#
TCE
TRC
TAA
TOE
TOLZ
VIH
HIGH-Z
TCLZ
TOH
TCHZ
HIGH-Z
DATA VALID
DATA VALID
TOHZ
Note: AMS = Most significant address
AMS =A20 for SST39VF3201C/3202C
1410 F04.0
ADDRESSES
DQ15-0
CE#
555
2AA
555
ADDR
XXAA
XX55
XXA0
DATA
WORD
(ADDR/DATA)
OE#
WE#
RY/BY#
VALID
TDH
TWPH
TAS
TCH
TCS
TAH
TWP
TDS
TBY
TBR
TBP
Note: WP# must be held in proper logic state (VIL or
VIH) 1µs prior to and 1µs after the command sequence.
X can be VIL or VIH, but no other value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com