Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF3201C Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST39VF3201C
Description  32 Mbit (x16) Multi-Purpose Flash Plus Active Current: 6 mA
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF3201C Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST39VF3201C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 15Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 16Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
©2011 Silicon Storage Technology, Inc.
DS25020A
06/11
13
32 Mbit Multi-Purpose Flash Plus
SST39VF3201C / SST39VF3202C
Preliminary Specifications
A Microchip Technology Company
Security ID
The SST39VF3201C/3202C devices offer a 136 word Security ID space. The Secure ID space is
divided into two segments - one factory programmed segment and one user programmed segment.
The first segment is programmed and locked at SST with a random 128-bit number. The 128-word
user segment is left un-programmed for the customer to program as desired.
To program the user segment of the Security ID, the user must use the Security ID Word-Program
command. To detect end-of-write for the SEC ID, read the toggle bits. Do not use Data# Polling. Once
this is complete, the Sec ID should be locked using the User Sec ID Program Lock-Out. This disables
any future corruption of this space. Note that regardless of whether or not the Sec ID is locked, neither
Sec ID segment can be erased.
The Secure ID space can be queried by executing a three-byte command sequence with Enter Sec ID
command (88H) at address 555H in the last byte sequence. To exit this mode, the Exit Sec ID com-
mand should be executed. Refer to Table 7 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com