Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF3201C Datasheet(PDF) 33 Page - Silicon Storage Technology, Inc

Part # SST39VF3201C
Description  32 Mbit (x16) Multi-Purpose Flash Plus Active Current: 6 mA
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF3201C Datasheet(HTML) 33 Page - Silicon Storage Technology, Inc

Back Button SST39VF3201C Datasheet HTML 29Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 30Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 31Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 32Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 33Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 34Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 35Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 36Page - Silicon Storage Technology, Inc SST39VF3201C Datasheet HTML 37Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
©2011 Silicon Storage Technology, Inc.
DS25020A
06/11
33
32 Mbit Multi-Purpose Flash Plus
SST39VF3201C / SST39VF3202C
Preliminary Specifications
A Microchip Technology Company
Figure 25:Erase Command Sequence
1410 F23.0
Load data: XXAAH
Address: 555H
Chip-Erase
Command Sequence
Load data: XX55H
Address: 2AAH
Load data: XX80H
Address: 555H
Load data: XX55H
Address: 2AAH
Load data: XX10H
Address: 555H
Load data: XXAAH
Address: 555H
Wait TSCE
Chip erased
to FFFFH
Load data: XXAAH
Address: 555H
Sector-Erase
Command Sequence
Load data: XX55H
Address: 2AAH
Load data: XX80H
Address: 555H
Load data: XX55H
Address: 2AAH
Load data: XX50H
Address: SAX
Load data: XXAAH
Address: 555H
Wait TSE
Sector erased
to FFFFH
Load data: XXAAH
Address: 555H
Block-Erase
Command Sequence
Load data: XX55H
Address: 2AAH
Load data: XX80H
Address: 555H
Load data: XX55H
Address: 2AAH
Load data: XX30H
Address: BAX
Load data: XXAAH
Address: 555H
Wait TBE
Block erased
to FFFFH
X can be VIL or VIH, but no other value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com