Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF8P20165WHR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF8P20165WHR3
Description  RF Power Field Effect Transistors N-Channel Enhancement--Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8P20165WHR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF8P20165WHR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
RF Device Data
Freescale Semiconductor
MRF8P20165WHR3 MRF8P20165WHSR3
Figure 2. MRF8P20165WHR3(WHSR3) Production Test Circuit Component Layout
MRF8P20165W
Rev. 1
C8
VGGA
VGGB
VDDB
VDDA
C10
R2 C6
Z1
R1
C3
C4
C2
C1
C11
C9
R3 C7
C19
C23
C25
C24
C29
C28
C26 C27
C13
C12
C15
C16
C
P
C18
C22
C14
Note 1: Component numbers C5, C17, C20 and C21 are not used.
Note 2: VDDA and VDDB must be tied together and powered by a single DC power supply.
C30
Table 5. MRF8P20165WHR3(WHSR3) Production Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2, C6, C7, C12, C13
15 pF Chip Capacitors
ATC600F150JT250XT
ATC
C3, C4
1.8 pF Chip Capacitors
ATC600F1R8BT250XT
ATC
C8, C9, C24, C25
10 μF, 50 V Chip Capacitors
GRM55DR61H106KA88L
Murata
C10, C11
22 μF, 35 V Tantalum Capacitors
T491X226K035AT
Kemet
C14
0.3 pF Chip Capacitor
ATC600F0R3BT250XT
ATC
C15, C16
1.0 pF Chip Capacitors
ATC600F1R0BT250XT
ATC
C18, C19
2.0 pF Chip Capacitors
ATC600F2R0BT250XT
ATC
C22, C23
18 pF Chip Capacitors
ATC600F180JT250XT
ATC
C26, C27
0.1 pF Chip Capacitors
ATC600F0R1BT250XT
ATC
C28, C29
220 μF, 50 V Electrolytic Capacitors
227CKS050M
Illinois Capacitor
C30
0.8 pF Chip Capacitor
ATC600F0R8BT250XT
ATC
R1
50 Ω, 4 W Chip Resistor
CW12010T0050GBK
ATC
R2, R3
2.37 Ω, 1/4 W Chip Resistors
CRCW12062R37FNEA
Vishay
Z1
1750 MHz Band 90°, 3 dB Hybrid Coupler
GSC351--HYB1900
Soshin
PCB
0.020″, εr =3.5
RO4350B
Rogers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com