Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF8P20165WHR3 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF8P20165WHR3
Description  RF Power Field Effect Transistors N-Channel Enhancement--Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8P20165WHR3 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF8P20165WHR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MRF8P20165WHR3 MRF8P20165WHSR3
TYPICAL CHARACTERISTICS
Figure 8. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
--1
--3
--5
20
0
--2
--4
10
30
40
60
0
60
50
40
30
20
10
--3 dB = 39 W
50
ηD
ACPR
PARC
--40
--10
--15
--20
--30
--25
--35
17.5
17
16.5
16
15.5
15
14.5
Gps
Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF
VDD =28 Vdc,IDQA = 550 mA, VGSB =1.3 Vdc
f = 1960 MHz, Single--Carrier W--CDMA
3.84 MHz Channel Bandwidth
--1 dB = 17 W
--2 dB = 28 W
1
Gps
ACPR
Pout, OUTPUT POWER (WATTS) AVG.
Figure 9. Single--Carrier W--CDMA Power Gain, Drain
Efficiency and ACPR versus Output Power
--10
--20
12
18
0
60
50
40
30
20
ηD
17
16
10
100
200
10
--60
15
14
13
0
--30
--40
--50
VDD =28 Vdc,IDQA = 550 mA, VGSB =1.3 Vdc
Single--Carrier W--CDMA, 3.84 MHz Channel
Bandwidth
1930 MHz
Input Signal PAR = 9.9 dB
@ 0.01% Probability on CCDF
1995 MHz
1960 MHz
1930 MHz
1960 MHz
1995 MHz
1930 MHz
1960 MHz
1995 MHz
1
Pout, OUTPUT POWER (WATTS) AVG.
Figure 10. 2--Carrier W--CDMA Power Gain, IM3, IM5, IM7
versus Output Power
12
18
--70
--10
--20
--30
--40
--50
17
16
10
200
--60
15
14
13
Figure 11. Broadband Frequency Response
0
18
f, FREQUENCY (MHz)
VDD =28 Vdc
Pin =0 dBm
IDQA = 550 mA
VGSB =1.3 Vdc
12
9
6
15
3
1800 1835
1870
1905
1940
1975
2010
2045
2080
100
IM3--U
IM3--L
IM5--U
IM5--L
IM7--U
IM7--L
Gps
Input Signal PAR = 9.8 dB @
0.01% Probability on CCDF
VDD =28 Vdc,IDQA = 550 mA, VGSB = 1.3 Vdc, f1 = 1945 MHz
f2 = 1975 MHz, 2--Carrier W--CDMA, 3.84 MHz Channel
Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com