Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF8P20165WHR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF8P20165WHR3
Description  RF Power Field Effect Transistors N-Channel Enhancement--Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8P20165WHR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF8P20165WHR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8P20165WHR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
Freescale Semiconductor
MRF8P20165WHR3 MRF8P20165WHSR3
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1C (Minimum)
Machine Model (per EIA/JESD22--A115)
B (Minimum)
Charge Device Model (per JESD22--C101)
III (Minimum)
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (1)
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
5
μAdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics (2)
Gate Threshold Voltage (1)
(VDS =10 Vdc, ID = 232 μAdc)
VGS(th)
1.2
1.8
2.7
Vdc
Gate Quiescent Voltage
(VDD =28 Vdc, IDA = 550 mAdc, Measured in Functional Test)
VGS(Q)
2.0
2.7
3.5
Vdc
Drain--Source On--Voltage (1)
(VGS =10 Vdc, ID =1.5 Adc)
VDS(on)
0.05
0.2
0.3
Vdc
Functional Tests (2,3,4) (In Freescale Doherty Production Test Fixture, 50 ohm system) VDD =28 Vdc, IDQA = 550 mA, VGSB =1.3 Vdc,
Pout = 37 W Avg., f1 = 1980 MHz, f2 = 2010 MHz, 2--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.8 dB @ 0.01%
Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Power Gain
Gps
14.2
14.8
17.2
dB
Drain Efficiency
ηD
40.6
44.3
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
5.2
5.8
—
dB
Adjacent Channel Power Ratio
ACPR
—
--31.0
--28.7
dBc
Typical Broadband Performance (4) — (In Freescale Doherty Characterization Test Fixture, 50 ohm system) VDD =28 Vdc, IDQA = 550 mA,
VGSB =1.3 Vdc, Pout = 37 W Avg., Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01% Probability on
CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Frequency
Gps
(dB)
ηD
(%)
Output PAR
(dB)
ACPR
(dBc)
1930 MHz
16.1
47.0
7.1
--27.7
1960 MHz
16.3
47.7
7.1
--29.7
1995 MHz
16.3
46.0
7.0
--33.3
1. Side A and Side B are tied together for this measurement.
2. VDDA and VDDB must be tied together and powered by a single DC power supply.
3. Part internally matched both on input and output.
4. Measurement made with device in a Symmetrical Doherty configuration.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com