Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC164CS-8R Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # XC164CS-8R
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS-8R Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button XC164CS-8R Datasheet HTML 35Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 36Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 37Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 38Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 39Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 40Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 41Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 42Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
XC164CS
Derivatives
Functional Description
Data Sheet
37
V2.3, 2006-08
3.9
Real Time Clock
The Real Time Clock (RTC) module of the XC164CS is directly clocked via a separate
clock driver with the prescaled on-chip main oscillator frequency (
f
RTC = fOSCm/32). It is
therefore independent from the selected clock generation mode of the XC164CS.
The RTC basically consists of a chain of divider blocks:
•
a selectable 8:1 divider (on - off)
•
the reloadable 16-bit timer T14
•
the 32-bit RTC timer block (accessible via registers RTCH and RTCL), made of:
– a reloadable 10-bit timer
– a reloadable 6-bit timer
– a reloadable 6-bit timer
– a reloadable 10-bit timer
All timers count up. Each timer can generate an interrupt request. All requests are
combined to a common node request.
Figure 9
RTC Block Diagram
Note: The registers associated with the RTC are not affected by a reset in order to
maintain the correct system time even when intermediate resets are executed.
CNT-Register
REL-Register
10 Bits
6 Bits
6 Bits
10 Bits
T14
MCB05568
T14-Register
Interrupt Sub Node
RTCINT
MUX
8
PRE
RUN
CNT
INT3
CNT
INT2
CNT
INT1
CNT
INT0
f
CNT
f
RTC
T14REL
10 Bits
6 Bits
6 Bits
10 Bits
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com