Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC164CS-8R Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # XC164CS-8R
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS-8R Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button XC164CS-8R Datasheet HTML 9Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 10Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 11Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 12Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 13Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 14Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 15Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 16Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
XC164CS
Derivatives
General Device Information
Data Sheet
11
V2.3, 2006-08
TRST
36
I
Test-System Reset Input. A high level at this pin activates
the XC164CS’s debug system. For normal system operation,
pin TRST should be held low.
P3
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
P3.15
39
40
41
42
43
44
45
46
47
48
49
50
51
52
IO
O
I/O
I
I
I
I
O
O
I
I
I
O
O
I
I
I
I/O
I/O
O
I
I/O
I
O
O
I
I/O
I
O
O
Port 3 is a 14-bit bidirectional I/O port. Each pin can be
programmed for input (output driver in high-impedance
state) or output (configurable as push/pull or open drain
driver). The input threshold of Port 3 is selectable (standard
or special).
The following Port 3 pins also serve for alternate functions:
T6OUT
GPT2 Timer T6 Toggle Latch Output,
RxD1
ASC1 Data Input (Async.) or Inp./Outp. (Sync.),
EX1IN
Fast External Interrupt 1 Input (alternate pin A),
TCK
Debug System: JTAG Clock Input
CAPIN
GPT2 Register CAPREL Capture Input,
TDI
Debug System: JTAG Data In
T3OUT
GPT1 Timer T3 Toggle Latch Output,
TDO
Debug System: JTAG Data Out
T3EUD
GPT1 Timer T3 External Up/Down Control Input
TMS
Debug System: JTAG Test Mode Selection
T4IN
GPT1 Timer T4 Count/Gate/Reload/Capture Inp
TxD1
ASC0 Clock/Data Output (Async./Sync.),
BRKOUT
Debug System: Break Out
T3IN
GPT1 Timer T3 Count/Gate Input
T2IN
GPT1 Timer T2 Count/Gate/Reload/Capture Inp
BRKIN
Debug System: Break In
MRST0
SSC0 Master-Receive/Slave-Transmit In/Out.
MTSR0
SSC0 Master-Transmit/Slave-Receive Out/In.
TxD0
ASC0 Clock/Data Output (Async./Sync.),
EX2IN
Fast External Interrupt 2 Input (alternate pin B)
RxD0
ASC0 Data Input (Async.) or Inp./Outp. (Sync.),
EX2IN
Fast External Interrupt 2 Input (alternate pin A)
BHE
External Memory High Byte Enable Signal,
WRH
External Memory High Byte Write Strobe,
EX3IN
Fast External Interrupt 3 Input (alternate pin B)
SCLK0
SSC0 Master Clock Output / Slave Clock Input.,
EX3IN
Fast External Interrupt 3 Input (alternate pin A)
CLKOUT
System Clock Output (= CPU Clock),
FOUT
Programmable Frequency Output
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com