Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC164CS-8R Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # XC164CS-8R
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS-8R Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button XC164CS-8R Datasheet HTML 72Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 73Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 74Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 75Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 76Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 77Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 78Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 79Page - Infineon Technologies AG XC164CS-8R Datasheet HTML 80Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
XC164CS
Derivatives
Package and Reliability
Data Sheet
74
V2.3, 2006-08
5
Package and Reliability
5.1
Packaging
Table 23
Package Parameters
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Green Package PG-TQFP-100-5
Thermal resistance
junction to case
RΘJC
–
8 / 11
K/W
Flash / ROM
Thermal resistance
junction to leads
RΘJL
–
32 / 37
K/W
Flash / ROM
Standard Package P-TQFP-100-16
Thermal resistance
junction to case
RΘJC
–7K/W
Flash
Thermal resistance
junction to leads
RΘJL
–24
K/W
Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com