Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT94N65B2C3 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT94N65B2C3
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT94N65B2C3 Datasheet(HTML) 5 Page - Microsemi Corporation

  APT94N65B2C3 Datasheet HTML 1Page - Microsemi Corporation APT94N65B2C3 Datasheet HTML 2Page - Microsemi Corporation APT94N65B2C3 Datasheet HTML 3Page - Microsemi Corporation APT94N65B2C3 Datasheet HTML 4Page - Microsemi Corporation APT94N65B2C3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T-MAX® (B2) Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Drain
Source
Gate
These dimensions are equal to the TO-247 without the mounting hole.
2-Plcs.
Dimensions in Millimeters and (Inches)
e1 100% Sn Plated
Figure 17, Turn-on Switching Waveforms and Definitions
Figure 18, Turn-off Switching Waveforms and Definitions
10%
t
d(on)
10%
t
r
90%
5%
T
Collector Current
Collector Voltage
Gate Voltage
T
J = 125
C
Switching Energy
5 %
T
T
J = 125 C
Collector Voltage
Collector Current
Gate Voltage
90%
90%
t
f
t
d(off)
10%
Switching Energy
0
IC
D.U.T.
APT30DF60
VCE
Figure 20, Inductive Switching Test Circuit
VDD
G
Figure 19, Inductive Switching Test Circuit
75DQ60
Typical Performance Curves
APT94N65B2C3G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com