Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT94N65B2C3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT94N65B2C3
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT94N65B2C3 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT94N65B2C3 Datasheet HTML 1Page - Microsemi Corporation APT94N65B2C3 Datasheet HTML 2Page - Microsemi Corporation APT94N65B2C3 Datasheet HTML 3Page - Microsemi Corporation APT94N65B2C3 Datasheet HTML 4Page - Microsemi Corporation APT94N65B2C3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T-Max
TM
650V
94A
APT94N65B2C3
APT94N65B2C3G*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
MAXIMUM RATINGS
All Ratings per die: T
C = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 500μA)
Drain-Source On-State Resistance 3 (V
GS = 10V, ID = 47A)
Zero Gate Voltage Drain Current (V
DS = 650V, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 650V, VGS = 0V, TC = 150°C)
Gate-Source Leakage Current (V
GS = ±20V, VDS = 0V)
Gate Threshold Voltage (V
DS = VGS, ID = 5.8mA)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
(DSS)
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Ohms
μA
nA
Volts
• Ultra Low R
DS(ON)
• Low Miller Capacitance
• Ultra Low Gate Charge, Qg
• Avalanche Energy Rated
• Extreme dv/dt Rated
• Dual die (parallel)
• Popular T-MAX Package
Super Junction MOSFET
MIN
TYP
MAX
650
0.03
0.035
1.0
50
100
±200
2.1
3
3.9
C
Power Semiconductors
O
O LMOS
"COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trade-
mark of Infineon Technologies AG."
G
D
S
Unless stated otherwise, Microsemi discrete MOSFETs contain a single MOSFET die. This device is made with
two parallel MOSFET die. It is intended for switch-mode operation. It is not suitable for linear mode operation.
Microsemi Website - http://www.microsemi.com
Symbol
Parameter
APT94N65B2C3(G)
UNIT
V
DSS
Drain-Source Voltage
650
Volts
I
D
Continuous Drain Current @ T
C = 25°C
1
94
Amps
Continuous Drain Current @ T
C = 100°C
60
I
DM
Pulsed Drain Current 2
282
V
GS
Gate-Source Voltage Continuous
20
Volts
P
D
Total Power Dissipation @ T
C = 25°C
833
Watts
T
J,TSTG
Operating and Storage Junction Temperature Range
-55 to 150
°C
T
L
Lead Temperature: 0.063" from Case for 10 Sec.
260
dv
/
dt
Drain-Source Voltage slope (V
DS = 480V, ID = 94A, TJ = 125°C)
50
V/ns
I
AR
Avalanche Current 2
7
Amps
E
AR
Repetitive Avalanche Energy 3 ( Id = 3.5A, Vdd = 50V )
1
mJ
E
AS
Single Pulse Avalanche Energy
( Id = 3.5A, Vdd = 50V )
1800


Similar Part No. - APT94N65B2C3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT94N65B2C3 MICROSEMI-APT94N65B2C3 Datasheet
152Kb / 5P
Super Junction MOSFET
APT94N65B2C3G MICROSEMI-APT94N65B2C3G Datasheet
152Kb / 5P
Super Junction MOSFET
logo
Inchange Semiconductor ...
APT94N65B2C3G ISC-APT94N65B2C3G Datasheet
361Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - APT94N65B2C3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT11N80BC3 ADPOW-APT11N80BC3 Datasheet
162Kb / 5P
Super Junction MOSFET
APT20N60BC3 ADPOW-APT20N60BC3 Datasheet
200Kb / 5P
Super Junction MOSFET
APT31N80JC3 ADPOW-APT31N80JC3 Datasheet
178Kb / 5P
Super Junction MOSFET
APT60N60BCS ADPOW-APT60N60BCS Datasheet
401Kb / 5P
Super Junction MOSFET
logo
Microsemi Corporation
APT34N80B2C3 MICROSEMI-APT34N80B2C3 Datasheet
256Kb / 5P
Super Junction MOSFET
APT94N60L2C3 MICROSEMI-APT94N60L2C3 Datasheet
249Kb / 5P
Super Junction MOSFET
APT47N65BC3 MICROSEMI-APT47N65BC3 Datasheet
184Kb / 5P
Super Junction MOSFET
logo
Wuxi NCE Power Semicond...
NCE11N65 NCEPOWER-NCE11N65 Datasheet
614Kb / 9P
Super Junction MOSFET
logo
Microsemi Corporation
APT60N60BCS MICROSEMI-APT60N60BCS Datasheet
224Kb / 5P
Super Junction MOSFET
APT47N65SC3 MICROSEMI-APT47N65SC3 Datasheet
493Kb / 6P
Super Junction MOSFET
Rev C 6-2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com