Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VASD1-DIP Datasheet(PDF) 2 Page - CUI INC

Part # VASD1-DIP
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VASD1-DIP Datasheet(HTML) 2 Page - CUI INC

  VASD1-DIP_08 Datasheet HTML 1Page - CUI INC VASD1-DIP_08 Datasheet HTML 2Page - CUI INC VASD1-DIP_08 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
page
date
DESCRIPTION: dc-dc converter
2 of 3
11/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VASD1-DIP Series
GENERAL SPECIFICATIONS
parameter
conditions/description
output short circuit protection
<1 second
temperature rise at full load
15°C typ., 25°C max.
cooling
free air convection
operating temp. range
-40°C ~ +85°C
storage temp. range
-55°C ~ +125°C
storage humidity range
≤95%
case material
plastic (UL94-V0)
MTBF
>3,500,000 hours
ISOLATION SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
isolation voltage
flash tested for 1 minute
1000
V dc
isolation resistance
test at 500 V dc
1000
M
Ω
OUTLINE DIMENSIONS & RECOMMENDED LAYOUT PATTERN
TYPICAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com