Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VASD1-DIP Datasheet(PDF) 1 Page - CUI INC

Part # VASD1-DIP
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VASD1-DIP Datasheet(HTML) 1 Page - CUI INC

  VASD1-DIP_08 Datasheet HTML 1Page - CUI INC VASD1-DIP_08 Datasheet HTML 2Page - CUI INC VASD1-DIP_08 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
page
date
DESCRIPTION: dc-dc converter
1 of 3
11/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VASD1-DIP Series
features
·isolated 1 W output
·temperature range: -40°C~+85°C
·unregulated
·high efficiency to 80%
·dual voltage output
·small footprint
·DIP package style
·industry standard pinout
·UL94-V0 package
·no heatsink required
·1K Vdc isolation
·power density 0.85 W/cm³
·no external component required
·low cost
OUTPUT
parameter
conditions/description
min
nom
max
units
output power
0.1
1
W
voltage accuracy
refer to recommended circuit
±1
±2
%
ripple
@ 20MHz Bandwidth
5/12/15V
50
75
mVpp
24 V
100
150
mVpp
line regulation
input voltage from low to high
±1.2
%
load regulation
10% to 100% full load
5V
10.5
15
%
9V
8.3
15
%
12V
6.8
15
%
15V
6.3
15
%
temperature coefficient
refer to recommended circuit
0.03
%/°C
switching frequency
100% load, nominal input
100
kHz
note: 1. All specifications measured at TA-25°C, humidity <75%, normal input voltage and rated output load unless otherwise specified.
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-
date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s applications using V-Infinity products other than repair
or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications. Nothing will be covered outside of standard product warranty.
description
Designed to convert fixed volt-
ages into an isolated regulated
voltage, the VASD1-DIP series is
well suited for providing board-
mount local supplies in a wide
range of applications, including
mixed analog/digital circuits, test
& measurement equip.,
process/machine controls,
datacom/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation.
MODEL
input voltage
output voltage
output current
efficiency
nominal
range
(V dc)
max.
min.
typ.
UL60950-1
(V dc)
(V dc)
(mA)
(mA)
(%)
VASD1-S5-D5-DIP
5
4.5~5.5
±5
±100
±10
72
YES
VASD1-S5-D9-DIP
5
4.5~5.5
±9
±56
±6
77
YES
VASD1-S5-D12-DIP
5
4.5~5.5
±12
±42
±5
79
YES
VASD1-S5-D15-DIP
5
4.5~5.5
±15
±33
±4
80
YES
VASD1-S12-D5-DIP
12
10.8~13.2
±5
±100
±10
72
YES
VASD1-S12-D9-DIP
12
10.8~13.2
±9
±56
±6
78
YES
VASD1-S12-D12-DIP
12
10.8~13.2
±12
±42
±5
79
YES
VASD1-S12-D15-DIP
12
10.8~13.2
±15
±33
±4
78
YES
VASD1-S15-D5-DIP
15
13.5~16.5
±5
±100
±10
72
NO
VASD1-S24-D5-DIP
24
21.6~26.4
±5
±100
±10
73
YES
VASD1-S24-D9-DIP
24
21.6~26.4
±9
±56
±6
79
YES
VASD1-S24-D12-DIP
24
21.6~26.4
±12
±42
±5
80
YES
VASD1-S24-D15-DIP
24
21.6~26.4
±15
±33
±4
80
YES


Similar Part No. - VASD1-DIP_08

ManufacturerPart #DatasheetDescription
logo
CUI INC
VASD1-DIP CUI-VASD1-DIP Datasheet
301Kb / 3P
DC/DC converter
More results

Similar Description - VASD1-DIP_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com