Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VASD1-DIP Datasheet(PDF) 3 Page - CUI INC

Part # VASD1-DIP
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VASD1-DIP Datasheet(HTML) 3 Page - CUI INC

  VASD1-DIP_08 Datasheet HTML 1Page - CUI INC VASD1-DIP_08 Datasheet HTML 2Page - CUI INC VASD1-DIP_08 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
page
date
DESCRIPTION: dc-dc converter
3 of 3
11/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VASD1-DIP Series
APPLICATION NOTES:
- Requirement on output load
To ensure this module can operate efficiently and reliably,
the minimum output load should not be less than 10% of the
full load. Also, this product should never be operated under
no load conditions. If the actual output power is too small,
please connect a resistor with proper resistance at the output
end in parallel to increase the load.
- Overload protection
Under normal operating conditions, the output circuit of these
products has no protection against overload. The simplest
method is to connect a self-recovery fuse in series at the
input end or to add a circuit breaker to the circuit.
- Recommended circuit
If you want to further decrease the input/output ripple, an “LC”
filtering network may be connected to the input and output
ends of the dc-dc converter, see (Figure 1).
It should also be noted that the inductance and the frequency
of the “LC” filtering network should be staggered with the
dc-dc frequency to avoid mutual interference. However, the
capacitance of the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might arise. For
every channel of output, provided that safe and reliable
operation is ensured, the recommended capacitance of its
filter capacitor see (Table 1).
It is not recommended to connect any external capacitor in the
application field with less than a 0.5 watt output.
Vin
(VDC)
Cin
(uF)
Vout
(VDC)
Cou
(uF)
5
4.7
±5
4.7
12
2.2
±9
2.2
15
2.2
±12
1
24
1
±15
0.47
TABLE 1
- Output voltage regulation and over-voltage protection circuit
The simplest device for output voltage regulation, over-voltage
and over-current protection is a linear voltage regulator with
overheat protection that is connected to the input or output
end in series (Figure 2).
No parallel connection or plug and play.
FIGURE 1
FIGURE 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com