Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320R2811PBKA Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320R2811PBKA
Description  Digital Signal Processors
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320R2811PBKA Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320R2811PBKA Datasheet HTML 72Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 73Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 74Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 75Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 76Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 77Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 78Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 79Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 154 page
background image
Peripherals
77
June 2004 − Revised June 2006
SPRS257C
The SPI module features include:
•
Four external pins:
−
SPISOMI: SPI slave-output/master-input pin
−
SPISIMO: SPI slave-input/master-output pin
−
SPISTE: SPI slave transmit-enable pin
−
SPICLK: SPI serial-clock pin
NOTE: All four pins can be used as GPIO, if the SPI module is not used.
•
Two operational modes: master and slave
•
Baud rate: 125 different programmable rates
−
Baud rate =
LSPCLK
(SPIBRR
) 1)
, when BRR
≠ 0
=
LSPCLK
4
,
when BRR = 0, 1, 2, 3
Serial port performance is limited by I/O buffer switching speed. Internal prescalers must be adjusted
such that the peripheral speed is less than the I/O buffer speed limit—20 MHz maximum.
•
Data word length: one to sixteen data bits
•
Four clocking schemes (controlled by clock polarity and clock phase bits) include:
−
Falling edge without phase delay: SPICLK active-high. SPI transmits data on the falling edge of the
SPICLK signal and receives data on the rising edge of the SPICLK signal.
−
Falling edge with phase delay: SPICLK active-high. SPI transmits data one half-cycle ahead of the
falling edge of the SPICLK signal and receives data on the falling edge of the SPICLK signal.
−
Rising edge without phase delay: SPICLK inactive-low. SPI transmits data on the rising edge of the
SPICLK signal and receives data on the falling edge of the SPICLK signal.
−
Rising edge with phase delay: SPICLK inactive-low. SPI transmits data one half-cycle ahead of the
falling edge of the SPICLK signal and receives data on the rising edge of the SPICLK signal.
•
Simultaneous receive and transmit operation (transmit function can be disabled in software)
•
Transmitter and receiver operations are accomplished through either interrupt-driven or polled
algorithms.
•
Nine SPI module control registers: Located in control register frame beginning at address 7040h.
All registers in this module are 16-bit registers that are connected to Peripheral Frame 2. When a register
is accessed, the register data is in the lower byte (7−0), and the upper byte (15−8) is read as zeros. Writing
to the upper byte has no effect.
Enhanced feature:
•
16-level transmit/receive FIFO
•
Delayed transmit control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com