Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320R2811PBKA Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320R2811PBKA
Description  Digital Signal Processors
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320R2811PBKA Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320R2811PBKA Datasheet HTML 91Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 92Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 93Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 94Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 95Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 96Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 97Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 98Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 154 page
background image
Electrical Specifications
96
June 2004 − Revised June 2006
SPRS257C
tw(RSL1)
th(XPLLDIS)
th(XMP/MC)
th(boot-mode)
(see Note C)
VDDIO,VDDAn†,
VDDAIO (3.3 V)
(See Note A)
XCLKIN
2.5 V
0.3 V
X1
XRS
XF/XPLLDIS
XMP/MC
Boot-Mode Pins
VDD, VDD1
(1.8 V (or 1.9 V))
XCLKOUT
I/O Pins
User-Code Dependent
User-Code Dependent
User-Code Dependent
Boot-ROM Execution Starts
Peripheral/GPIO Function
Based on Boot Code
GPIO Pins as Input
XPLLDIS Sampling
GPIOF14
XCLKIN/8 (See Note B)
GPIO Pins as Input (State Depends on Internal PU/PD)
tOSCST
(Don’t Care)
(Don’t Care)
User-Code Dependent
Address/Data/
Control
Address/Data Valid. Internal Boot-ROM Code Execution Phase
User-Code Execution Phase
NOTES: A. VDDAn − VDDA1/VDDA2 and AVDDREFBG
B. Upon power up, SYSCLKOUT is XCLKIN/2 if the PLL is enabled. Since both the XTIMCLK and CLKMODE bits in the
XINTCNF2 register come up with a reset state of 1, SYSCLKOUT is further divided by 4 before it appears at XCLKOUT. This
explains why XCLKOUT = XCLKIN/8 during this phase.
C. After reset, the Boot ROM code executes instructions for 1260 SYSCLKOUT cycles (SYSCLKOUT = XCLKIN/2) and then
samples BOOT Mode pins. Based on the status of the Boot Mode pin, the boot code branches to destination memory or boot
code function in ROM. The BOOT Mode pins should be held high/low for at least 2520 XCLKIN cycles from boot ROM
execution time for proper selection of Boot modes.
If Boot ROM code executes after power-on conditions (in debugger environment), the Boot code execution time is based on
the current SYSCLKOUT speed. The SYSCLKOUT will be based on user environment and could be with or without PLL
enabled.
D. The state of the GPIO pins is undefined (i.e., they could be input or output) until the 1.8-V (or 1.9-V) supply reaches at least
1 V and 3.3-V supply reaches 2.5 V.
td(EX)
See Note D
tsu(XPLLDIS)
Figure 6−7. Power-on Reset in Microcomputer Mode (XMP/MC = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com