Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320R2811PBKA Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320R2811PBKA
Description  Digital Signal Processors
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320R2811PBKA Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320R2811PBKA Datasheet HTML 18Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 19Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 20Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 21Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 22Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 23Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 24Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 25Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 154 page
background image
Introduction
23
June 2004 − Revised June 2006
SPRS257C
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PIN
PBK
176-PIN
PGF
179-PIN
GHH
AND
ZHH
JTAG
TRST
B12
135
98
I
PD
JTAG test reset with internal pulldown. TRST, when driven
high, gives the scan system control of the operations of the
device. If this signal is not connected or driven low, the
device operates in its functional mode, and the test reset
signals are ignored.
NOTE: Do not use pullup resistors on TRST; it has an
internal pulldown device. TRST is an active high test pin
and must be maintained low at all times during normal
device operation. In a low-noise environment, TRST may
be left floating. In other instances, an external pulldown
resistor is highly recommended. The value of this resistor
should be based on drive strength of the debugger pods
applicable to the design. A 2.2-k
Ω resistor generally offers
adequate protection. Since this is application-specific, it is
recommended that each target board be validated for
proper operation of the debugger and the application.
TCK
A12
136
99
I
PU
JTAG test clock with internal pullup
TMS
D13
126
92
I
PU
JTAG test-mode select (TMS) with internal pullup. This
serial control input is clocked into the TAP controller on the
rising edge of TCK.
TDI
C13
131
96
I
PU
JTAG test data input (TDI) with internal pullup. TDI is
clocked into the selected register (instruction or data) on
a rising edge of TCK.
TDO
D12
127
93
O/Z
−
JTAG scan out, test data output (TDO). The contents of
the selected register (instruction or data) is shifted out of
TDO on the falling edge of TCK.
EMU0
D11
137
100
I/O/Z
PU
Emulator pin 0. When TRST is driven high, this pin is
used as an interrupt to or from the emulator system and
is defined as input/output through the JTAG scan. This
pin is also used to put the device into boundary-scan
mode. With the EMU0 pin at a logic-high state and the
EMU1 pin at a logic-low state, a rising edge on the
TRST pin would latch the device into boundary-scan
mode.
NOTE: An external pullup resistor is recommended on
this pin. The value of this resistor should be based on
the drive strength of the debugger pods applicable to
the design. A 2.2-k
Ω to 4.7-kΩ resistor is generally
adequate. Since this is application-specific, it is
recommended that each target board be validated for
proper operation of the debugger and the application.
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown. Pullup/pulldown strength is given in Section 6.3. The pullups/pulldowns are enabled
in boundary-scan mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com