Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8796 Datasheet(PDF) 22 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 22 Page - Active-Semi, Inc

Back Button ACT8796_09 Datasheet HTML 18Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 19Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 20Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 21Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 22Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 23Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 24Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 25Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 26Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 22 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
VP3 Voltage (V)
5.5
0
REG3 MOSFET Resistance
450
350
250
150
500
400
300
200
100
50
5.0
4.5
4.0
3.5
3
PMOS
NMOS
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT8796QLCIA, VVP1 = VVP2 = VVP3 = 3.6V, L = 3.3µH, CVP1 = CVP2 = CVP3 = 2.2μF, COUT1 = COUT2 = COUT3 = 10μF, TA = 25°C, unless
otherwise specified.)
REG3 Efficiency vs. Load Current
1000
Output Current (mA)
90
10
100
3.6V
4.2V
VOUT2 = 1.8V
OUT3 Regulation Voltage
0.666
Temperature (°C)
-20
-40
0
20
40
60
0.444
0.222
0.0
-0.222
-0.444
IOUT1 = 35mA
85
-0.666
85
80
75
70
60
65
55
1
50
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com