Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8796 Datasheet(PDF) 24 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 24 Page - Active-Semi, Inc

Back Button ACT8796_09 Datasheet HTML 20Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 21Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 22Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 23Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 24Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 25Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 26Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 27Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 28Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 24 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
Input Capacitor Selection
The input capacitor reduces peak currents and
noise induced upon the voltage source. A 2.2µF
ceramic capacitor for each of REG1, REG2, and
REG3 is recommended for most applications.
Output Capacitor Selection
For most applications, 10µF ceramic output
capacitors are recommended for REG1, REG2, and
REG3.
Although
the
these
regulators
were
designed to take advantage of the benefits of
ceramic capacitors, namely small size and very-low
ESR, low-ESR tantalum capacitors can provide
acceptable results as well.
Inductor Selection
REG1, REG2, and REG3 utilize current-mode
control and a proprietary internal compensation
scheme
to
simultaneously
simplify
external
component
selection
and
optimize
transient
performance over their full operating range. These
devices were optimized for operation with 3.3µH
inductors, although inductors in the 2.2µH to 4.7µH
range can be used. Choose an inductor with a low
DC-resistance, and avoid inductor saturation by
choosing inductors with DC ratings that exceed the
maximum output current of the application by at
least 30%.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout an important part of step-
down DC/DC converter design. A good design
minimizes excessive EMI on the feedback paths
and voltage gradients in the ground plane, both of
which can result in instability or regulation errors.
Step-down DC/DCs exhibit discontinuous input
current, so the input capacitors should be placed as
close as possible to the IC, and avoiding the use of
via if possible. The inductor, input filter capacitor,
and output filter capacitor should be connected as
close together as possible, with short, direct, and
wide traces. The ground nodes for each regulator's
power loop should be connected at a single point in
a star-ground configuration, and this point should
be connected to the backside ground plane with
multiple via. The output node for each regulator
should be connected to its corresponding OUTx pin
through the shortest possible route, while keeping
sufficient distance from switching nodes to prevent
noise injection. Finally, the exposed pad should be
directly connected to the backside ground plane
using multiple via to achieve low electrical and
thermal resistance.
FUNCTIONAL DESCRIPTION (CONT’D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com