Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8796 Datasheet(PDF) 25 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT8796_09 Datasheet HTML 21Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 22Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 23Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 24Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 25Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 26Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 27Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 28Page - Active-Semi, Inc ACT8796_09 Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 25 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
ELECTRICAL CHARACTERISTICS (REG4)
(VINL = 3.6V, COUT4 = 1µF, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL Operating Voltage Range
3.1
5.5
V
INL UVLO Threshold
VINL Input Rising
2.9
3
3.1
V
UVLO Hysteresis
VINL Input Falling
0.1
V
Output Voltage Accuracy
VNOM4 < 1.3V, IOUT4 = 10mA
-2.4%
VNOM4
+1.8%
V
VNOM4 ≥ 1.3V, IOUT4 = 10mA
-1.2%
VNOM4
+1.8%
Line Regulation Error
VINL = Max(VOUT4 + 0.5V, 3.6V) to 5.5V
0
mV
Load Regulation Error
IOUT4 = 1mA to 250mA
-0.07
mV/mA
Power Supply Rejection Ratio
f = 1kHz, IOUT4 = 250mA, COUT4 = 1µF
60
dB
f = 10kHz, IOUT4 = 250mA, COUT4 = 1µF
50
Supply Current per Output
Regulator Enabled
40
µA
Regulator Disabled
0
Dropout Voltage
IOUT4 = 120mA, VOUT4 > 3.1V
100
200
mV
Output Current
250
mA
Current Limit3
VOUT4 = 95% of regulation voltage
280
Internal Soft-Start
100
µs
Power Good Flag High Threshold
VOUT4, hysteresis = -4%
89
%
Output Noise
COUT4 = 10µF, f = 10Hz to 100kHz
40
µVRMS
Stable COUT4 Range
1
20
µF
Discharge Resistor in Shutdown
LDO Disabled, DIS4[ ] = [1]
650
: VNOM4 refers to the nominal output voltage level for VOUT4 as defined by the Ordering Information section.
: Dropout Voltage is defined as the differential voltage between input and output when the output voltage drops 100mV below the
regulation voltage at 1V differential voltage (for 2.8V output voltage or higher)
3
: LDO current limit is defined as the output current at which the output voltage drops to 95% of the respective regulation voltage.
Under heavy overload conditions the output current limit folds back by 30% (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com