Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC410 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC410
Description  Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC410 Datasheet(HTML) 2 Page - Sharp Corporation

  PC410 Datasheet HTML 1Page - Sharp Corporation PC410 Datasheet HTML 2Page - Sharp Corporation PC410 Datasheet HTML 3Page - Sharp Corporation PC410 Datasheet HTML 4Page - Sharp Corporation PC410 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
s Electro-optical Characteristics
Parameter
Symbol
Conditions
Input
Forward voltage
V F
Reverse current
IR
Ta = 25˚C, V R =5V
Terminal capacitance
Ct
Output
Transfer
charac-
teristics
High level supply current
I CCH
“H
→L” threshold input current
I FHL
Isolation resistance
R ISO
Floating capacitance
t PHL
t PLH
tf
t r
CMH
CML
V CC = 5.5V, I F =0
VCC = 5V, V O = 0.8V, R L = 350
Ta = 25˚C, DC500V, 40 to 60% RH
Ta = 25˚C, V = 0, f = 1MHz
Ta = 25˚C
V CC = 5V, I F
RL = 350
Ω , C L = 15pF
Fig. 1
IF =0
VO(MIN. ) =2V
IF = 5mA
VO(MAX.) = 0.8V
Low level output voltage
High level output current
Low level supply current
V OL
ICCL
I OH
Ta = 25˚C, I F = 10mA
Ta = 25˚C, V = 0, f = 1MH Z
IOL = 13mA, VCC = 5.5V, I F = 5mA
VCC =VO = 5.5V, I F
V CC = 5.5V, I F = 10mA
Note ) All typical values : at Ta = 25˚C, VCC =5V
Each characteristics shall be measured under opaque condition.
Ta = 25˚C
V CC =5V
RL = 350
Fig. 2
VCM = 10V(Peak )
s Recommended Operation Conditions
PC410
( Ta = 0 to + 70˚C unless otherwise specified )
Connect a by-pass ceramic capacitor ( 0.01 to 0.1
µ F) between VCC and GND at the
position within 1cm from lead pin.
Parameter
Symbol
MIN.
MAX.
Unit
Low level input current
I FL
0
250
µ A
High level input current
I FH
7
15
mA
Supply voltage
V CC
4.5
5.5
V
Fanout
( TTL load )
N
-
8
-
Operating temperature
T opr
0
70
˚C
MIN.
TYP.
MAX.
Unit
-
1.6
1.9
V
--
10
µ A
-
60
150
0.6
V
-
2
250
µ A
-13
18
mA
-
7
15
mA
-
2.5
5
mA
5x 1010
1011
-
-
0.6
pF
-
-
50
120
ns
-
50
120
-30
60
-30
60
100
500
-
V/
µ s
- 100
- 500
-
“H
→L” propagation
delay time
“L
→H” propagation
delay time
Fall time
Rise time
Cf
0.4
-
Instantaneous common
mode rejection
voltage “ High level
output ”
Instantaneous common
mode rejection
voltage “ Low level
output ”
= 7.5mA
pF
= 250 m A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com