Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC410 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC410
Description  Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC410 Datasheet(HTML) 5 Page - Sharp Corporation

  PC410 Datasheet HTML 1Page - Sharp Corporation PC410 Datasheet HTML 2Page - Sharp Corporation PC410 Datasheet HTML 3Page - Sharp Corporation PC410 Datasheet HTML 4Page - Sharp Corporation PC410 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PC410
0
40
50
100
75
25
80
120
160
200
240
280
320
1k
Ω
1k
Ω
4k
Ω
350
Ω
Ambient Temperature
Fig.10 Rise Time,Fall Time vs.
Ambient temperature T a (˚C)
s Precautions for Use
( 1) Handle this product the same as with other integrated circuits against static electricity.
( 2) As for other general cautions, refer to the chapter “ Precautions for Use.”
IF =7.5mA
t r
RL =4k Ω
t r
t r
t f
RL = 350 Ω
VCC =5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com