Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC410 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC410
Description  Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC410 Datasheet(HTML) 3 Page - Sharp Corporation

  PC410 Datasheet HTML 1Page - Sharp Corporation PC410 Datasheet HTML 2Page - Sharp Corporation PC410 Datasheet HTML 3Page - Sharp Corporation PC410 Datasheet HTML 4Page - Sharp Corporation PC410 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC410
10
20
100
40
30
0
0
70 75
100
50
60
70
80
90
85
Ambient temperature T a (˚C)
50˚C
25˚C
70˚C
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
Fig. 4 Forward Current vs.
Forward Voltage
Fig. 3 Collector Power Dissipation vs.
Ambient Temperature
Forward voltage V F (V)
1
350
Ω
5V
47
Ω
Pulse input
1
A
B
GL SW
90%
10%
7.5mA
3.75mA
0mA
5V
1.5V
10V
0V
5V
IF
CL
VO
*CL includes the probe
and wiring capacitance.
Fig. 1 Test Circuit for t PHL, t PLH, t r and t f
IF
VCM
IF
VO
tPHL
tPLH
VOL
tr
tf
VCM
VO
VO
(IF = 0mA)
(IF = 5mA)
VOL
3
6
3
6
4
+-
350
Ω
5V
CL
VO
5
when GL SW is A
When GL SW is B
VO(MIN.)
VO(MAX.)
5
4
25
50
Ta = 0˚C
Fig. 2 Test Circuit for Instantaeus Common Mode Rejection Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com