Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC512 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC512
Description  European Safety Standard Approved Long Creepage Distance Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC512 Datasheet(HTML) 1 Page - Sharp Corporation

  PC512 Datasheet HTML 1Page - Sharp Corporation PC512 Datasheet HTML 2Page - Sharp Corporation PC512 Datasheet HTML 3Page - Sharp Corporation PC512 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
PC512
PC512
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C )
s Applications
2. Long creepage distance type
C0.7
(12.7)
4 - 0.4
(2.54)
3
4
2
1
Marking
face
Resin
package
4
3
1 Anode
2 Cathode
3 Collector
4 Emitter
( ) : Reference dimensions
PC512
Parameter
Symbol
Rating
Unit
Input
IF
50
mA
I FM
1A
Reverse voltage
V R
6V
P75
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
6
V
IC
20
mA
P C
75
mW
V iso
5kV rms
Operating temperature
T opr
- 25 to + 85
˚C
T stg
- 40 to + 100
˚C
T sol
260
˚C
D E
V 4
3. Compact
4. High isolation voltage ( Viso
1. Power supplies
1
2
Forward current
*1
Power dissipation
Collector current
Collector power dissipation
*2 Isolation voltage
Storage temperature
*3
V ECO
Soldering area
*1 Pulse width <=100
µs Duty ratio : 0.001
*2 AC for 1minute, 40 to 60% RH
European Safety Standard
Approved Long Creepage
Distance Type Photocoupler
Peak forward current
( Creepage distance : 11.5mm or more )
: 5 000Vrms )
1. Conform to European Safety Stndards
UL file No. E64380
Approved by VDE ( DIN VDE0884 : No. 77296 )
Approved by BSI
( BS EN60065 IEC65 Test Leaf lets land 5
Approved by SEMKO ( No. 9303001)
Approved by DEMKO ( 108025 )
Approved by EI ( 155031-01 )
Approved by CSA ( CA95323 or CA76261)
BS EN60950 IEC950 EN41003 Test Leaflets land 5)
Soldering temperature
*3 For MAX. 10 seconds at the position of 1mm from the edge of resin package.
16.2 ± 0.2


Similar Part No. - PC512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PC512-10 TI-PC512-10 Datasheet
198Kb / 13P
SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
PC512-10 TI-PC512-10 Datasheet
198Kb / 13P
SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
PC512-12 TI-PC512-12 Datasheet
198Kb / 13P
SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
PC512-12 TI-PC512-12 Datasheet
198Kb / 13P
SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
PC512-15 TI-PC512-15 Datasheet
198Kb / 13P
SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
More results

Similar Description - PC512

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
PC905 SHARP-PC905 Datasheet
84Kb / 6P
Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
S21ME SHARP-S21ME Datasheet
82Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC511 SHARP-PC511 Datasheet
257Kb / 4P
Long Creepage Dlstance Type Photocoupler
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
398Kb / 11P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com