Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC512 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC512
Description  European Safety Standard Approved Long Creepage Distance Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC512 Datasheet(HTML) 2 Page - Sharp Corporation

  PC512 Datasheet HTML 1Page - Sharp Corporation PC512 Datasheet HTML 2Page - Sharp Corporation PC512 Datasheet HTML 3Page - Sharp Corporation PC512 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Ta = 25˚C )
s Electro-optical Characteristics
V F
IF = 20mA
-
1.2
1.4
V
V FM
IFM = 0.5A
-
3
4
V
IR
--
10
µ A
Ct
V = 0, f = 1kH Z
-
50
250
pF
ICEO
V CE = 20V, I F = 0
-
-
100
nA
BV CEO
35
-
-
V
BV ECO
IE =10
µA, I F =0
6
-
-
V
IC
IF = 20mA, VCE =5V
2
-
20
mA
IF = 40mA, I C = 1mA
-
-
0.4
V
R iso
DC500V, 40 to 60% RH
1012
--
Ω
fc
V CE = 2V, I C = 2mA
RL = 100
Ω, - 3dB
12
80
-
kH Z
t r
V CE = 2V, I C = 2mA
RL = 100
Ω
-3
20
tf
-4
30
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Parameter
Input
Reverse current
Terminal capacitance
Output
Collector dark current
Collector-emitter breakdown voltage
Collector current
Response time
Rise time
Fall time
PC512
Transfer
Forward voltage
Peak forward voltage
Emitter-collector breakdown voltage
Collector-emitter saturation voltage
Isolation resistance
Cut-off frequency
V CE(sat)
V R =3V
IC = 0.1mA, I F =0
µ s
µ s
10
20
60
50
40
30
0
- 25
0
25
50
75
100
85
Ambient temperature T a (˚C)
75
85
- 25
0
25
50
0
100
80
60
40
20
75
100
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature T a (˚C)
Fig. 1 Forward Current vs. Ambient
Temperature
istics
character-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com