Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC512 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC512
Description  European Safety Standard Approved Long Creepage Distance Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC512 Datasheet(HTML) 3 Page - Sharp Corporation

  PC512 Datasheet HTML 1Page - Sharp Corporation PC512 Datasheet HTML 2Page - Sharp Corporation PC512 Datasheet HTML 3Page - Sharp Corporation PC512 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC512
Fig. 3 Peak Forward Current vs. Duty Ratio
500
100
50
10
Duty ratio
0˚C
25˚C
75˚C
3.0
2.5
2.0
1.5
1.0
0.5
0.0
100
50
10
20
5
2
1
- 25˚C
Forward voltage V F ( V)
0.1
1
10
100
0
10
20
30
40
50
60
70
Forward current I F ( mA )
02
46
0
20
16
12
8
4
810
20mA
Pc (max )
10mA
5mA
Collector-emitter voltage V CE ( V)
0
25
50
75
100
0
50
100
150
Ambient temperature T a (˚C)
-25
0.02
0
255075
100
0.00
0.04
0.06
0.08
0.10
0.12
0.14
0.16
-25
Ambient temperature T a (˚C)
Fig. 4 Forward Current vs. Forward Voltage
Pulse width <=100
µs
Fig. 6 Collector Current vs. Collector
-emitter Voltage
V CE =5V
T a = 25˚C
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
VCE =5V
50˚C
Fig. 5 Current Tranfer Ratio vs.
Forward Current
IF = 30mA
IF = 20mA
10 -3
10 -2
10 -1
100
Ta = 25˚C
Ta = 25˚C
IF = 40mA
IC = 1mA
5000
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com