Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9D10 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC9D10
Description  Ultra-high Speed Response, 2-channel OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC9D10 Datasheet(HTML) 2 Page - Sharp Corporation

  PC9D10 Datasheet HTML 1Page - Sharp Corporation PC9D10 Datasheet HTML 2Page - Sharp Corporation PC9D10 Datasheet HTML 3Page - Sharp Corporation PC9D10 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC9D10
s Electro-optical Characteristics
s Recommended Operating Conditions
Connect a ceramic by-pass capacitor ( 0.01 to 0.1
µ F) between
V CC and GND at the position within 1cm from pin.
Parameter
Symbol
MIN.
MAX.
Unit
Low level input current
I FL
0
250
µ A
High level input current
I FH
715
mA
Supply voltage
V CC
4.5
5.5
V
Fanout ( TTL load )
N-
8
-
Operating temperature
Topr
070
˚C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
-
1.6
1.75
V
Reverse current
IR
Ta = 25˚C, V R =5V
-
-
10
µ A
Terminal capacitance
Ct
Ta = 25˚C, V = 0, f = 1MHZ
-
60
250
P
F
Output
High level output current
I OH
V CC =V O = 5.5V, I F = 250
µ A
-
2
250
µ A
Low level output voltage
V OL
VCC = 5.5V, I F = 5mA, I OL = 13mA
-
0.4
0.6
V
High level supply current
I CCH
V CC = 5.5V, I F =0
-
14
30
mA
Low level supply current
ICCL
V CC = 5.5V, I F = 10mA
-
26
36
mA
I FHL
V CC = 5V,
V O = 0.8V, R L = 350
Ω
-
2.5
5
mA
1011
-
Ω
Cf
Ta = 25˚C, V = 0, f = 1MH Z
-
0.6
-
P
F
t PHL
Ta = 25˚C, V CC =5V
RL = 350
Ω , C L =15PF
IF = 7.5mA
-50
75
ns
t PLH
-50
75
ns
t r , t f
-30
60
ns
CMH
Fig. 2
Ta = 25˚C, V CC = 5V, V O(MIN) =2V
VCM = 10V, R L = 350
Ω, I F =0
100
500
-
V/
µ s
CML
Ta = 25˚C, V CC = 5V, V O(MAX) = 0.8V
VCM = 10V, R L = 350
Ω, I F = 5mA
Fig. 2
- 100
- 500
-
V/
µ s
“ High
→Low” threshold
input current
Floating capacitance
“ High
→Low ” propagation
delay time
“ Low
→High ” propagation
delay time
Rise time, Fall time
Instantaneous common mode rejec-
tion voltage
“ High level output ”
Instantaneous common mode rejec-
tion voltage
“ Low level output ”
1
2
3
45
6
7
8
350
Ω
5V
47
Ω
90%
10%
7.5mA
3.75mA
0mA
5V
1.5V
IF
CL
VO
Fig. 1 Test Circuit for t PHL, t PLH, t r and t f
IF
VO
tPHL
tPLH
VOL
tr
tf
*CL includes the probe and
wiring capacitance.
5x 1010
Fig. 1
( Unless otherwise specified, Ta = 0 to + 70˚C )
Ta = 25˚C, I F = 10mA
CC =5V
Isolation resistance
All typical values : at Ta = 25˚C, V
Ta = 25˚C, DC500V, 40 to 60% RH
R ISO



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com