Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9D10 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC9D10
Description  Ultra-high Speed Response, 2-channel OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC9D10 Datasheet(HTML) 3 Page - Sharp Corporation

  PC9D10 Datasheet HTML 1Page - Sharp Corporation PC9D10 Datasheet HTML 2Page - Sharp Corporation PC9D10 Datasheet HTML 3Page - Sharp Corporation PC9D10 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC9D10
5V
350
Ω
8
7
6
5
4
3
2
1
10V
0V
5V
IF
CL
VCM
VCM
VO
VO
(IF = 0mA)
(IF = 5mA)
VO(MIN.)
VO(MAX.)
VOL
Fig. 2 Test Circuit for CM H and CM L
+-
0
Ambient Temperature
20
40
60
80
0
25
50
100
75
70
0˚C
25˚C
1.0
0.01
0.1
1
10
100
1.5
2.0
50˚C
Fig. 4 Forward Current vs. Forward Voltage
2
3
4
0
255075
100
1
0
Fig. 5 High Level Output Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0.2
0.3
0.5
0
25
50
100
0.1
0.4
75
12.8mA
9.6mA
6.4mA
Ambient Temperature
IO = 16mA
Ambient temperature Ta (˚C)
Fig. 6 Low Level Output Voltage vs.
Forward voltage VF (V)
IF = 250 µA
VCC = 5.5V
VO = 5.5V
IF = 5mA
VCC = 5.5V
Ambient temperature Ta (˚C)
Fig. 3 Collector Power Dissipation vs.
Ta = 75˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com