Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9D10 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC9D10
Description  Ultra-high Speed Response, 2-channel OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC9D10 Datasheet(HTML) 4 Page - Sharp Corporation

  PC9D10 Datasheet HTML 1Page - Sharp Corporation PC9D10 Datasheet HTML 2Page - Sharp Corporation PC9D10 Datasheet HTML 3Page - Sharp Corporation PC9D10 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC9D10
0
1
2
6
0
3
12
6
4
3
1k
Ω
5
4
5
4k
Ω
VCC =5V
RL = 350 Ω
T a = 25˚C
Forward current I F ( mA )
Fig. 8 Propagation Delay Time vs.
0
25
50
75
100
Ambient Temperature
Fig. 9 Propagation Delay Time vs.
Ambient temperature T a (˚C)
50
100
75
25
Ambient temperature T a (˚C)
Fig. 10 Rise Time, Fall Time vs.
Ambient Temperature
s Precautions for Use
Forward current I F ( mA )
(Ambient Temp. Characteristics )
( 1) Handle this product the same as with other
Fig. 7-a Output Voltage vs. Forward Current
Fig. 7-b Output Voltage vs. Forward Current
Forward Current
0
20
40
60
100
10
15
5
80
Forward current I F ( mA )
0
1
2
6
0
3
12
6
4
3
5
4
5
R L = 350 Ω
R L =1k Ω
VCC =5V
T a = 0 to 70˚C
0
( 2) As for other general cautions, refer to
VCC = 5V, T a = 25˚C
t PLH R L =4k Ω
t PLH R L =1k Ω
t PHL R L = 350 Ω
1k
Ω
4k
Ω
RL = 350 Ω
0
20
40
60
80
100
IF = 7.5mA, V CC =5V
integrated circuits against static electricity.
the chapter “ Precautions for Use ”
RL =4k Ω
4k
Ω
1k
Ω
350
Ω
RL = 350 Ω
1k
Ω
t PLH
t PHL
250
200
150
100
50
RL =4k Ω
IF = 7.5mA
VCC =5V
t r
t r
t r
t f
RL = 350 Ω
RL =1k Ω
RL = 350 Ω
1k
Ω
4k
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com