Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F405XX Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32F405XX
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405XX Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32F405XX Datasheet HTML 106Page - STMicroelectronics STM32F405XX Datasheet HTML 107Page - STMicroelectronics STM32F405XX Datasheet HTML 108Page - STMicroelectronics STM32F405XX Datasheet HTML 109Page - STMicroelectronics STM32F405XX Datasheet HTML 110Page - STMicroelectronics STM32F405XX Datasheet HTML 111Page - STMicroelectronics STM32F405XX Datasheet HTML 112Page - STMicroelectronics STM32F405XX Datasheet HTML 113Page - STMicroelectronics STM32F405XX Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
110/154
Doc ID 022152 Rev 1
Figure 41.
ADC accuracy characteristics
1.
See also Table 65.
2.
Example of an actual transfer curve.
3.
Ideal transfer curve.
4.
End point correlation line.
5.
ET = Total Unadjusted Error: maximum deviation between the actual and the ideal transfer curves.
EO = Offset Error: deviation between the first actual transition and the first ideal one.
EG = Gain Error: deviation between the last ideal transition and the last actual one.
ED = Differential Linearity Error: maximum deviation between actual steps and the ideal one.
EL = Integral Linearity Error: maximum deviation between any actual transition and the end point
correlation line.
Figure 42.
Typical connection diagram using the ADC
1.
Refer to Table 64 for the values of RAIN, RADC and CADC.
2.
Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the
pad capacitance (roughly 5 pF). A high Cparasitic value downgrades conversion accuracy. To remedy this,
fADC should be reduced.
ai17534
STM32F
VDD
AINx
IL±1 µA
0.6 V
VT
RAIN(1)
Cparasitic
VAIN
0.6 V
VT
RADC(1)
CADC(1)
12-bit
converter
Sample and hold ADC
converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com