Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F405XX Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32F405XX
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405XX Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32F405XX Datasheet HTML 109Page - STMicroelectronics STM32F405XX Datasheet HTML 110Page - STMicroelectronics STM32F405XX Datasheet HTML 111Page - STMicroelectronics STM32F405XX Datasheet HTML 112Page - STMicroelectronics STM32F405XX Datasheet HTML 113Page - STMicroelectronics STM32F405XX Datasheet HTML 114Page - STMicroelectronics STM32F405XX Datasheet HTML 115Page - STMicroelectronics STM32F405XX Datasheet HTML 116Page - STMicroelectronics STM32F405XX Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
113/154
5.3.24
DAC electrical characteristics
Table 69.
DAC characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Comments
VDDA
Analog supply voltage
1.8(1)
-3.6
V
VREF+
Reference supply voltage
1.8(1)
-3.6
V
VREF+ ≤ VDDA
VSSA
Ground
0
-
0
V
RLOAD
(2)
Resistive load with buffer ON
5
-
-
k
Ω
RO
(2)
Impedance output with buffer
OFF
--
15
k
Ω
When the buffer is OFF, the
Minimum resistive load between
DAC_OUT and VSS to have a 1%
accuracy is 1.5 M
Ω
CLOAD
(2)
Capacitive load
-
-
50
pF
Maximum capacitive load at
DAC_OUT pin (when the buffer is
ON).
DAC_OUT
min(2)
Lower DAC_OUT voltage
with buffer ON
0.2
-
-
V
It gives the maximum output
excursion of the DAC.
It corresponds to 12-bit input code
(0x0E0) to (0xF1C) at VREF+ =
3.6 V and (0x1C7) to (0xE38) at
VREF+ = 1.8 V
DAC_OUT
max(2)
Higher DAC_OUT voltage
with buffer ON
--
VDDA – 0.2
V
DAC_OUT
min(2)
Lower DAC_OUT voltage
with buffer OFF
-0.5
-
mV
It gives the maximum output
excursion of the DAC.
DAC_OUT
max(2)
Higher DAC_OUT voltage
with buffer OFF
--
VREF+ – 1LSB
V
IVREF+
(3)
DAC DC VREF current
consumption in quiescent
mode (Standby mode)
-
170
240
µA
With no load, worst code (0x800)
at VREF+ = 3.6 V in terms of DC
consumption on the inputs
-50
75
With no load, worst code (0xF1C)
at VREF+ = 3.6 V in terms of DC
consumption on the inputs
IDDA
(3)
DAC DC VDDA current
consumption in quiescent
mode (Standby mode)
-
280
380
µA
With no load, middle code (0x800)
on the inputs
-
475
625
µA
With no load, worst code (0xF1C)
at VREF+ = 3.6 V in terms of DC
consumption on the inputs
DNL(3)
Differential non linearity
Difference between two
consecutive code-1LSB)
--
±0.5
LSB
Given for the DAC in 10-bit
configuration.
--
±2
LSB
Given for the DAC in 12-bit
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com