Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8AA2A2006 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button 8AA2A2006 Datasheet HTML 7Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 8Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 9Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 10Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 11Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 12Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 13Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 14Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
A
Insulated rigid probe
B
Insulated rigid probe with 1" (25 mm) 316 SS diameter stillwell
C
Insulated rigid probe with 6" (15 cm) 316/316L SS inactive sheath
D
Insulated rigid bent probe 90° (specify L
1 and L2)
(Minimum L
1 length is 6.5 inches (16.5 cm);
probe insertion length is L
1 + L2 – 1")
E
Insulated rigid probe with 316/316L SS reference wire
CONFIGURATION STYLE
8
A
INSERTION LENGTH specify length in 1 inch (1 cm) increments (specify in digit 2)
11
A
A1
1⁄2"
300 lbs ANSI RF flange
B
2"
300 lbs ANSI RF flange
C
3"
300 lbs ANSI RF flange
D
4"
300 lbs ANSI RF flange
H
DN 25 PN 16
DIN 2527 Form B flange (not available with Configuration Style code B)
J
DN 40 PN 16
DIN 2527 Form B flange
K
DN 50 PN 16
DIN 2527 Form B flange
L
DN 25 PN 25/40 DIN 2527 Form B flange (not available with Configuration Style code B)
M
DN 40 PN 25/40 DIN 2527 Form B flange
N
DN 50 PN 25/40 DIN 2527 Form B flange
S
1/1
1⁄2"
Sanitary flange, 16 AMP-3A
(available with Configuration Style code A and D only)
T
2"
Sanitary flange, 16 AMP-3A
(available with Configuration Style code A and D only)
U
3"
Sanitary flange, 16 AMP-3A
(available with Configuration Style code A and D only)
V
4"
Sanitary flange, 16 AMP-3A
(available with Configuration Style code A and D only)
Y
DN 25 Sanitary flange DIN 11851
(available with Configuration Style code A and D only)
Z
DN 50 Sanitary flange DIN 11851
(available with Configuration Style code A and D only)
PROCESS CONNECTION - 316L SS (flange socket welded to probe)
6 to 234 inches (15 to 595 centimeters)
Example: 6 inches = 006 / 60 centimeters = 060
ESP available 6 to 234 inches in 1 inch increments ( 15 to 595 centimeters in 1 cm increment)
I N S U L A T E D
R I G I D
P R O B E S
M O D E L
N U M B E R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com