Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8AA2A2006 Datasheet(PDF) 17 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 17 Page - Magnetrol International, Inc.

Back Button 8AA2A2006 Datasheet HTML 12Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 13Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 14Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 15Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 16Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 17Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 18Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 19Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 20Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ROD MATERIAL, SEAL, AND PROCESS CONNECTION

7 8
Carbon steel rod with Halar® (ECTFE) insulation, 3" 150 lb carbon steel faced flange
max +285° F @ 230 psig/max 285 psig @ +70° F (max +140° C @ 15.8 bar/max 20 bar @ +21° C)
17
6 0
Carbon steel rod with Halar® (ECTFE) insulation, 1
1⁄2"150 lb carbon steel flange with Halar® face
Ž
6 1
Carbon steel rod with Halar (ECTFE) insulation, 1
1⁄2" 300 lb carbon steel flange with Halar face

6 2
Carbon steel rod with Halar (ECTFE) insulation, 2"
150 lb carbon steel flange with Halar face
Ž
6 3
Carbon steel rod with Halar (ECTFE) insulation, 2"
300 lb carbon steel flange with Halar face

6 4
Carbon steel rod with Halar (ECTFE) insulation, 3"
150 lb carbon steel flange with Halar face
Ž
6 5
Carbon steel rod with Halar (ECTFE) insulation, 3"
300 lb carbon steel flange with Halar face

ROD MATERIAL, SEAL, AND FLANGED PROCESS CONNECTION

0
4
1
6 to 234 inches (15 to 595 centimeters) Example: 6 inches = 006 / 60 centimeters = 060
INSERTION LENGTH specify length in 1 inch (1 cm) increments (specify in digit 4)
8
0
7
4
1
6 to 234 inches (15 to 595 centimeters) Example: 6 inches = 006 / 60 centimeters = 060
INSERTION LENGTH specify length in 1 inch (1 cm) increments (specify in digit 4)
0 4 1 - 5 0
CSA, insulated rigid plastic probe, length in inches
0 4 1 - 6 0
ATEX, insulated rigid plastic probe, length in centimeters
BASIC MODEL NUMBER - PROBES WITH FACED FLANGE PROCESS CONNECTION
Œ
0 4 1 - 5 0
FM/CSA, length in inches
0 4 1 - 6 0
ATEX, length in centimeters
BASIC MODEL NUMBER - REFERENCE ROD PROBES
Œ
Œ
Temperature at electronics should not exceed +160° F (+70° C).

Minimum temperature -40° F (-40° C)
S P E C I A L T Y
P R O B E S
C O N T I N U E D
M O D E L
N U M B E R
SPECIALTY PROBES (for conductive and non conductive media)
A complete measuring system consists of a:
1. Kotron electronics (switch or transmitter)
2. Kotron probe
3. Optional heat extension for process temperatures >200° F (95° C): P/N 089-6593-001 (see page 5)
Œ
Temperature at electronics should not exceed +160° F (+70° C).

Minimum temperature -40° F (-40° C)
Ž
Max +285° F @ 250 psig/max 285 psig @ +100° F (max +140° C @ 17.2 bar/max 19.6 bar @ +38° C).

Max +285° F @ 300 psig/max 740 psig @ +100° F (max +140° C @ 20.7 bar/max 51 bar @ +38° C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com