Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8AA2A2006 Datasheet(PDF) 19 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 19 Page - Magnetrol International, Inc.

Back Button 8AA2A2006 Datasheet HTML 12Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 13Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 14Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 15Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 16Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 17Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 18Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 19Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 20Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
CONNECTIONS
PROBES
Guarded probe
Rigid probe
Flexible probe
19
Insertion
Length
Optional
Mounting Flange
3/4" NPT
0.375 (10)
Insertion
Length
Optional
Mounting Flange
3/4" NPT
0.5 (13) - Bare Probe
0.625 (16) - Insulated Probe
Optional
Mounting Flange
3/4" NPT
Optional Weight
1.32 (34)
0.875 (22)
0.79 (20)
5 (127)
Optional
Anchor Assembly
4.87
(124)
2.95
(75)
0.1875 (5)
0.25 (6)
Insertion
Length
Insertion
Length
Insertion
Length
D I M E N S I O N S
I N C H E S
( M M )
16 AMP Solid
End Cap
Type Fitting
TFE Insulation
.625" (16) O.D.
3/4" NPT
1/32"
Radius
150 Grit
(32 micro inch)
Finish
Insertion
Length
Threaded 3⁄4"-1" NPT
Threaded G1 (1" BSP)
Sanitary Flange
Welded flange ANSI / DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com