Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS294 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FSS294
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS294 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FSS294 Datasheet HTML 1Page - Sanyo Semicon Device FSS294 Datasheet HTML 2Page - Sanyo Semicon Device FSS294 Datasheet HTML 3Page - Sanyo Semicon Device FSS294 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FSS294
No.8937-1/4
Features
•
ON-resistance RDS(on)1=7.8mΩ(typ.)
•
Input capacitance Ciss=2650pF(typ.)
•
4V drive
•
Protection diode in
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
40
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
13
A
Drain Current (PW≤10μs)
IDP
Duty cycle≤1%
52
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (1200mm2×0.8mm), PW≤10s
3.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7005A-002
Ordering number : EN8937
82411PA TKIM TC-00002631
SANYO Semiconductors
DATA SHEET
FSS294
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: SOP8
• JEITA, JEDEC
: SC-87, SOT-96
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : SOP8
5.0
0.2
0.1
0.43
1.27
14
5
8
S294
LOT No.
TL
4
1, 2, 3
5, 6, 7, 8


Similar Part No. - FSS294

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
FSS2 CARLOGAVAZZI-FSS2 Datasheet
73Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
logo
Sanyo Semicon Device
FSS207 SANYO-FSS207 Datasheet
41Kb / 4P
Ultrahigh-Speed Switching Applications
logo
VBsemi Electronics Co.,...
FSS210-TL-E VBSEMI-FSS210-TL-E Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
logo
Sanyo Semicon Device
FSS212 SANYO-FSS212 Datasheet
176Kb / 4P
DC/DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
DC/DC Converter Applications
More results

Similar Description - FSS294

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com