Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS294 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS294
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS294 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS294 Datasheet HTML 1Page - Sanyo Semicon Device FSS294 Datasheet HTML 2Page - Sanyo Semicon Device FSS294 Datasheet HTML 3Page - Sanyo Semicon Device FSS294 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS294
No.8937-3/4
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
IT16572
0
0
2
4
6
60
50
20
10
8
10
40
30
VDS=20V
ID=13A
0.01
0.1
1.0
23 5 7
23 5 7
23 5 7
2 3 5
10
100
7
0.01
0.1
1.0
10
1000
100
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
5
7
3
2
IDP=52A (PW≤10μs)
ID=13A
100ms
1ms
10m
s
10s
10
μs
Operation in this
area is limited by RDS(on).
DC
operation
IT16573
0
5
100
10
7
5
3
2
1000
10000
7
5
3
2
7
3
2
40
20
30
10
IT16571
IT16570
IT16569
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
7
5
3
2
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
IT16568
f=1MHz
Ciss
Coss
Crss
0.1
1.0
2
23
5 7
10
2
35 7
2
3
5
7
2
0.1
1.0
3
5
7
100
2
3
5
7
10
VDS=10V
Ta=
--25
°C
75°
C
VGS=0V
10
1.0
3
3
2
2
5
7
100
1000
5
7
3
2
5
7
0.1
1.0
2
23
5 7
10
100
35 7
2
35 7
VDD=20V
VGS=10V
td(off)
tf
td(on)
tr
IT16566
IT16567
0
0
30
16
2468
10
12
--60 --40 --20
0
20
40
60
80
100 120 140 160
14
20
15
10
25
5
0
30
15
5
10
25
20
VGS
=4.5V
, ID
=6.5A
VGS
=4.0V
, ID
=6.5A
Ta=25
°C
ID=6.5A
VGS
=10.0V
, ID=13.0A
13A
100
35 7
25°C
10
100
7
5
7
5
3
2
3
100
μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate (1200mm2
×0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com