Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS294 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS294
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS294 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS294 Datasheet HTML 1Page - Sanyo Semicon Device FSS294 Datasheet HTML 2Page - Sanyo Semicon Device FSS294 Datasheet HTML 3Page - Sanyo Semicon Device FSS294 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS294
No.8937-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
40
V
Zero-Gate Voltage Drain Current
IDSS
VDS=40V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.5
2.6
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=13A
11
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=13A, VGS=10V
7.8
10.2
mΩ
RDS(on)2
ID=6.5A, VGS=4.5V
12
17
mΩ
RDS(on)3
ID=6.5A, VGS=4V
15.5
22
mΩ
Input Capacitance
Ciss
VDS=20V, f=1MHz
2650
pF
Output Capacitance
Coss
320
pF
Reverse Transfer Capacitance
Crss
235
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
27
ns
Rise Time
tr
180
ns
Turn-OFF Delay Time
td(off)
154
ns
Fall Time
tf
118
ns
Total Gate Charge
Qg
VDS=20V, VGS=10V, ID=13A
52
nC
Gate-to-Source Charge
Qgs
9.6
nC
Gate-to-Drain “Miller” Charge
Qgd
10.5
nC
Diode Forward Voltage
VSD
IS=13A, VGS=0V
0.81
1.2
V
Switching Time Test Circuit
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=13A
RL=1.54Ω
VDD=20V
VOUT
FSS294
VIN
10V
0V
VIN
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT16564
IT16565
0
4.0
0
0
13
12
10
8
4
6
2
1.0
0.2
0.3
0.4
0.1
0.5
0.6
0.7
0.8
0.9
0
20
14
18
16
1.0
0.5
2.0
3.0
1.5
2.5
3.5
12
10
8
6
2
4
VGS=2.5V
VDS=10V
3.0V
Ta=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com