Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIP11203 Datasheet(PDF) 17 Page - Vishay Siliconix

Part # SIP11203
Description  Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11203 Datasheet(HTML) 17 Page - Vishay Siliconix

Back Button SIP11203 Datasheet HTML 10Page - Vishay Siliconix SIP11203 Datasheet HTML 11Page - Vishay Siliconix SIP11203 Datasheet HTML 12Page - Vishay Siliconix SIP11203 Datasheet HTML 13Page - Vishay Siliconix SIP11203 Datasheet HTML 14Page - Vishay Siliconix SIP11203 Datasheet HTML 15Page - Vishay Siliconix SIP11203 Datasheet HTML 16Page - Vishay Siliconix SIP11203 Datasheet HTML 17Page - Vishay Siliconix SIP11203 Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
NOTES:
1.
Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2.
All dimensions are in millimeters. All angels are in degrees.
3.
N is the total number of terminals.
4.
The terminal #1 identifier and terminal numbering convention shall conform to JESD 95-1 SPP-012. Details of terminal #1 identifier are optional, but must
be located within the zone indicated. The terminal #1 identifier may be either a molded or marked feature. The X and Y dimension will vary according to
lead counts.
5.
Dimension b applies to metallized terminal and is measured between 0.25 mm and 0.30 mm from the terminal tip.
6.
ND and NE refer to the number of terminals on the D and E side respectively.
7.
Depopulation is possible in a symmetrical fashion.
8.
Variation HHD is shown for illustration only.
9.
Coplanarity applies to the exposed heat sink slug as well as the terminals.
Package Information
Vishay Siliconix
www.vishay.com
2
Document Number: 72802
16-May-05
PowerPAKr MLP44-16 (Power IC Only)
JEDEC Part Number: MO-220
MILLIMETERS*
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
Notes
A
0.80
0.90
1.00
0.0315
0.0354
0.0394
A1
0
0.02
0.05
0
0.0008
0.0020
A3
0.20 Ref
0.0079
AA
0.345
0.0136
aaa
0.15
0.0059
BB
0.345
0.0136
b
0.25
0.30
0.35
0.0098
0.0118
0.138
5
bbb
0.10
0.0039
CC
0.18
0.0071
ccc
0.10
0.0039
D
4.00 BSC
0.1575 BSC
D2
2.55
2.7
2.8
0.1004
0.1063
0.1102
DD
0.18
0.0071
E
4.00 BSC
0.1575 BSC
E2
2.55
2.7
2.8
0.1004
0.1063
0.1102
e
0.65 BSC
0.0256 BSC
L
0.3
0.4
0.5
0.0118
0.0157
0.0197
N
16
16
3, 7
ND
4
4
6
NE
4
4
6
r
b(min)/2
b(min)/2
* Use millimeters as the primary measurement.
ECN: S-50794—Rev. B, 16-May-05
DWG: 5905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com