Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS3002 Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

Part # TS3002
Description  A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3002 Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TS3002 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS3002
TS3002DS r1p0
Page 5
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 1V, VCNTRL = VDD, VBOOST = 0V, RSET = 4.32MΩ, CSET = 7.9pF, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 5pF, unless otherwise noted.
Values are at TA = 25°C unless otherwise noted.
TEMPERATURE - ºC
-15
10
40.5
39.5
42
FOUT Period vs Temperature
-40
35
41
41.5
40
60
85
SUPPLY VOLTAGE - Volt
1.2
1.24
1.1
1.66
Start-up Time vs Supply Voltage
0.9
1.38
1.52
1.5
TEMPERATURE - ºC
1.08
0.8
Supply Current vs Temperature
1.22
1.36
0.94
1.5
1.8
42.5
43
TEMPERATURE - ºC
-15
10
39
38
FOUT Period vs Temperature
-40
35
39.5
40
38.5
60
85
40.5
41
41.5
-15
10
-40
35
60
85
TEMPERATURE - ºC
2.24
1.6
Supply Current vs Temperature
2.56
2.88
1.92
3.2
-15
10
-40
35
60
85
1.8
RSET - MΩ
4
8
80
0
200
Period vs RSET
0
12
120
160
40
16
20
BOOST = VDD
BOOST = VDD
BOOST = GND
BOOST = GND
BOOST = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com