Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS3002 Datasheet(PDF) 9 Page - Touchstone Semiconductor Inc

Part # TS3002
Description  A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3002 Datasheet(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS3002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS3002
TS3002DS r1p0
Page 9
RTFDS
the CNTRL both enables the TS3002’s internal PWM
engine as well as adjusting the duty cycle from 12%
to 90%. A dc control voltage equal to 0.03 x VDD
applied to the CNTRL pin enables the PWM engine
to set the duty cycle to 12%. A dc control voltage
equal to 0.27 x VDD increases the duty cycle to 90%
and connecting CNTRL to VDD disables the PWM
engine altogether. Configured for nominal operation
(PWM engine OFF, BOOST pin to GND), the supply
current of the TS3002 is 1µA; enabling the PWM
engine increases the TS3002 operating supply
current as shown in the electrical specification table.
The BOOST pin controls the propagation delay of the
TS3002’s internal comparators. When BOOST is
co
nnected
to
GND,
the
TS3002’s
maximum
programmable
operating
frequency
is
~90kHz.
Connecting the BOOST pin to VDD reduces the
propagation delay of the internal oscillators, thereby
extending
the
high
end
maximum
operating
frequency to 290kHz.
APPLICATIONS INFORMATION
Minimizing Power Consumption
To keep the TS3002’s power consumption low,
resistive loads at the FOUT and PWMOUT terminals
increase dc power consumption and therefore should
be as large as possible. Capacitive loads at the
FOUT
and
PWMOUT
terminals
increase
the
TS3002’s transient power consumption and, as well,
should be as small as possible.
One challenge to minimizing the TS3002’s transient
power consumption is the probe capacitance of
oscilloscopes and frequency counter instruments.
Most instruments exhibit an input capacitance of
15pF or more. Unless buffered, the increase in
transient load current can be as much as 400nA.
To minimize capacitive loading, the technique shown
in Figure 1 can be used. In this circuit, the principle of
series-connected capacitors can be used to reduce
the effective capacitive load at the TS3002’s FOUT
and PWMOUT terminals.
To determine the optimal value for CEXT once the
probe capacitance is known by simply solving for
CEXT using the following expression:
CE T =
1
1
CLOAD(EFF)
1
CPROBE
For example, if the instrument’s input probe
capacitance is 15pF and the desired effective load
capacitance at either or both FOUT and PWMOUT
terminals is to be
≤5pF, then the value of C
EXT should
be
≤7.5pF.
TS3002 Start-up Time
As the TS3002 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 0.9 volt. Once the
applied VDD is higher than 0.9 volt, the master
oscillator
achieves
steady-state operation
within
1.2ms.
Current- and Voltage-Controlled Oscillators
The TS3002 can be configured into a Current-
Controlled Oscillator as shown in Figure 2. With a
current source sourcing a current of 223nA to 262nA,
FOUT can generate an output signal with a frequency
range of 5.2kHz to 90kHz. In a similar manner, a
Voltage-Controlled Oscillator can be configured as
shown in Figure 3. In this case, a voltage source
sourcing a voltage of 290mV to 341mV can generate
an FOUT output signal frequency range of 5.2kHz to
90kHz as well. It is recommended to use resistor
values with a 1% tolerance.
Figure 1: Using an External Capacitor in Series with
Probes Reduces Effective Capacitive Load.
Figure 2: Configuring the TS3002 into a
Current-Controlled Oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com