Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS3002 Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TS3002
Description  A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3002 Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS3002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3002 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS3002
Page 10
TS3002DS r1p0
RTFDS
Using a Potentiometer to Trim the TS3002’s
Output Frequency
By using a fixed resistor and a potentiometer, the
output frequency of the TS3002 can be trimmed as
shown in Figure 4. By selecting a fixed resistor R1
with a tolerance of 0.1% and a potentiometer P1 with
a 5% tolerance, the output frequency can be trimmed
to provide a ±2% trimming range. As shown in Figure
5, R1+P1 and C2 set the output frequency to
25.052kHz
when P1 = 0Ω and with P1 =200kΩ, the
resulting output frequency is 24.024kHz.
Using Standard Resistors to Increase FOUT
Resolution
The TS3002 can be configured to provide a 0.1%
resolution on the output frequency as shown in
Figure 5. To do so, R1 can be set to approximately
10% of the value selected for R2. In addition, R2 and
R1 should be chosen with a 0.1% and 1% tolerance,
respectively. Since R2 is 90% of the total resistance,
it has the largest impact on the resolution of the
output frequency. With
R1 = 91kΩ and R2 = 910kΩ,
the output frequency is 90kHz
and with R1 = 400kΩ
and R2 = 4MΩ, the output frequency is 23kHz.
Figure 4: Using a Fixed Resistor and a
Potentiometer to Trim the TS3002’s
Output Frequency.
Figure 5: Setting
the TS3002’s Output
Frequency to 0.1% Resolution using
Standard Resistors.
Figure 3: Configuring the TS3002 into a Voltage-
Controlled Oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com