Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT67F50 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
50
March 06 , 2012
Rev. 1.50
51
March 06 , 2012
Reading Data from the EEPROM
To read data from the EEPROM, the read enable bit, RDEN, in the EEC register must first be set
high to enable the read function. The EEPROM address of the data to be read must then be placed in
the EEA register. If the RD bit in the EEC register is now set high, a read cycle will be initiated.
Setting the RD bit high will not initiate a read operation if the RDEN bit has not been set. When the
read cycle terminates, the RD bit will be automatically cleared to zero, after which the data can be
read from the EED register. The data will remain in the EED register until another read or write
operation is executed. The application program can poll the RD bit to determine when the data is
valid for reading.
Writing Data to the EEPROM
To write data to the EEPROM, the write enable bit, WREN, in the EEC register must first be set
high to enable the write function. The EEPROM address of the data to be written must then be
placed in the EEA register and the data placed in the EED register. If the WR bit in the EEC register
is now set high, an internal write cycle will then be initiated. Setting the WR bit high will not initiate
a write cycle if the WREN bit has not been set. As the EEPROM write cycle is controlled using an
internal timer whose operation is asynchronous to microcontroller system clock, a certain time will
elapse before the data will have been written into the EEPROM. Detecting when the write cycle has
finished can be implemented either by polling the WR bit in the EEC register or by using the
EEPROM interrupt. When the write cycle terminates, the WR bit will be automatically cleared to
zero by the microcontroller, informing the user that the data has been written to the EEPROM. The
application program can therefore poll the WR bit to determine when the write cycle has ended.
Write Protection
Protection against inadvertent write operation is provided in several ways. After the device is
powered-on the Write Enable bit in the control register will be cleared preventing any write
operations. Also at power-on the Bank Pointer, BP, will be reset to zero, which means that Data
Memory Bank 0 will be selected. As the EEPROM control register is located in Bank 1, this adds a
further measure of protection against spurious write operations. During normal program operation,
ensuring that the Write Enable bit in the control register is cleared will safeguard against incorrect
write operations.
EEPROM Interrupt
The EEPROM write interrupt is generated when an EEPROM write cycle has ended. The EEPROM
interrupt must first be enabled by setting the DEE bit in the relevant interrupt register. However as
the EEPROM is contained within a Multi-function Interrupt, the associated multi-function interrupt
enable bit must also be set. When an EEPROM write cycle ends, the DEF request flag and its
associated multi-function interrupt request flag will both be set. If the global, EEPROM and Multi-
function interrupts are enabled and the stack is not full, a jump to the associated Multi-function
Interrupt vector will take place. When the interrupt is serviced only the Multi-function interrupt flag
will be automatically reset, the EEPROM interrupt flag must be manually reset by the application
program. More details can be obtained in the Interrupt section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com