Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT67F50 Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 59Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 60Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 61Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 62Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 63Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 65Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
60
March 06 , 2012
Rev. 1.50
61
March 06 , 2012
● IDLE1 Mode
The IDLE1 Mode is entered when an HALT instruction is executed and when the IDLEN bit in
the SMOD register is high and the FSYSON bit in the WDTC register is high. In the IDLE1 Mode
the system oscillator will be inhibited from driving the CPU but may continue to provide a clock
source to keep some peripheral functions operational such as the Watchdog Timer, TMs, LCD
driver, SPIA and SIM. In the IDLE1 Mode, the system oscillator will continue to run, and this
system oscillator may be high speed or low speed system oscillator. In the IDLE1 Mode the
Watchdog Timer clock, fS, will be on. If the source is fSYS/4 then the fS clock will be on, and if the
source comes from fSUB then fS will be on.
Control Register
A single register, SMOD, is used for overall control of the internal clocks within the device.
●
SMOD Register
Bit
7
6
5
4
3
2
1
0
Name
CKS2
CKS1
CKS0
FSTEN
LTO
HTO
IDLEN
HLCLK
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
0
0
0
0
0
0
1
1
Bit 7~5
CKS2~CKS0: The system clock selection when HLCLK is "0"
000: fL (fLXT or fLIRC)
001: fL (fLXT or fLIRC)
010: fH/64
011: fH/32
100: fH/16
101: fH/8
110: fH/4
111: fH/2
These three bits are used to select which clock is used as the system clock source. In
addition to the system clock source, which can be either the LXT or LIRC, a divided
version of the high speed system oscillator can also be chosen as the system clock
source.
Bit 4
FSTEN: Fast Wake-up Control (only for HXT)
0: Disable
1: Enable
This is the Fast Wake-up Control bit which determines if the fSUB clock source is
initially used after the device wakes up. When the bit is high, the fSUB clock source can
be used as a temporary system clock to provide a faster wake up time as the fSUB clock
is available.
Bit 3
LTO: Low speed system oscillator ready flag
0: Not ready
1: Ready
This is the low speed system oscillator ready flag which indicates when the low speed
system oscillator is stable after power on reset or a wake-up has occurred. The flag
will be low when in the SLEEP0 Mode but after a wake-up has occurred, the flag will
change to a high level after 1024 clock cycles if the LXT oscillator is used and 1~2
clock cycles if the LIRC oscillator is used.
Bit 2
HTO: High speed system oscillator ready flag
0: Not ready
1: Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com