Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT67F50 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
54
March 06 , 2012
Rev. 1.50
55
March 06 , 2012
OS C1
OS C2
Rf
To i nt er nal
ci rc ui ts
In te rn al
O sci lla to r
Ci rc ui t
C1
C2
Rp
No te :1 . Rp i s nor ma lly not r equi r ed. C 1 and C2 a re r equ ir ed.
2. A lt hough not s how n OS C1 /O SC 2 pi ns h av e a pa ra si ti c
c apac it an ce o f a r ound 7pF .
Crystal/Resonator Oscillator — HXT
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
12MHz
0pF
0pF
8MHz
0pF
0pF
4MHz
0pF
0pF
1MHz
100pF
100pF
455kHz (see Note2)
100pF
100pF
Note: 1. C1 and C2 values are for guidance only.
2. XTAL mode configuration option: 455kHz.
Crystal Recommended Capacitor Values
External RC Oscillator – ERC
Using the ERC oscillator only requires that a resistor, with a value between 56kΩ and 2.4MΩ, is
connected between OSC1 and VDD, and a capacitor is connected between OSC1 and ground,
providing a low cost oscillator configuration. It is only the external resistor that determines the
oscillation frequency; the external capacitor has no influence over the frequency and is connected
for stability purposes only. Device trimming during the manufacturing process and the inclusion of
internal frequency compensation circuits are used to ensure that the influence of the power supply
voltage, temperature and process variations on the oscillation frequency are minimised. As a
resistance/frequency reference point, it can be noted that with an external 120kΩ resistor connected
and with a 5V voltage power supply and temperature of 25°C degrees, the oscillator will have a
frequency of 8MHz within a tolerance of 2%. Here only the OSC1 pin is used, which is shared with
I/O pin PB1, leaving pin PB2 free for use as a normal I/O pin.
OS C1
470p F
V DD
R OS C
External RC Oscillator — ERC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com