Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT67F60 Datasheet(PDF) 229 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 229 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 225Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 226Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 227Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 228Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 229Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 230Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 231Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 232Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 233Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
228
March 06 , 2012
Rev. 1.50
229
March 06 , 2012
Subroutine call
Unconditionally calls a subroutine at the specified address. The Program Counter
then increments by 1 to obtain the address of the next instruction which is then
pushed onto the stack. The specified address is then loaded and the program
continues execution from this new address. As this instruction requires an
additional operation, it is a two cycle instruction.
Stack ← Program Counter + 1
Program Counter ← addr
None
Clear Data Memory
Each bit of the specified Data Memory is cleared to 0.
[m] ← 00H
None
Clear bit of Data Memory
Bit i of the specified Data Memory is cleared to 0.
[m].i ← 0
None
Clear Watchdog Timer
The TO, PDF flags and the WDT are all cleared.
WDT cleared
TO ← 0
PDF ← 0
TO, PDF
Pre-clear Watchdog Timer
The TO, PDF flags and the WDTare all cleared. Note that this instruction works in
conjunction with CLR WDT2 and must be executed alternately with CLR WDT2
to have effect. Repetitively executing this instruction without alternately executing
CLR WDT2 will have no effect.
WDT cleared
TO ← 0
PDF ← 0
TO, PDF
Pre-clear Watchdog Timer
The TO, PDF flags and the WDTare all cleared. Note that this instruction works in
conjunction with CLR WDT1 and must be executed alternately with CLR WDT1
to have effect. Repetitively executing this instruction without alternately executing
WDT cleared
TO ← 0
PDF ← 0
TO, PDF
CALL addr
Description
Operation
Affected flag(s)
CLR [m]
Description
Operation
Affected flag(s)
CLR [m].i
Description
Operation
Affected flag(s)
CLR WDT
Description
Operation
Affected flag(s)
CLR WDT1
Description
Operation
Affected flag(s)
CLR WDT2
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com