Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT67F60 Datasheet(PDF) 232 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 232 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 228Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 229Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 230Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 231Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 232Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 233Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 234Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 235Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 236Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 242 page
background image
Rev. 1.50
232
March 06 , 2012
Rev. 1.50
233
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Logical OR Data Memory to ACC
Data in the Accumulator and the specified Data Memory perform a bitwise logical
OR operation. The result is stored in the Accumulator.
ACC ← ACC "OR" [m]
Z
Logical OR immediate data to ACC
Data in the Accumulator and the specified immediate data perform a bitwise
logical OR operation. The result is stored in the Accumulator.
ACC ← ACC "OR" x
Z
Logical OR ACC to Data Memory
Data in the specified Data Memory and the Accumulator perform a bitwise logical
OR operation. The result is stored in the Data Memory.
[m] ← ACC "OR" [m]
Z
Return from subroutine
The Program Counter is restored from the stack. Program execution continues at
the restored address.
Program Counter ← Stack
None
Return from subroutine and load immediate data to ACC
The Program Counter is restored from the stack and the Accumulator loaded
with the specified immediate data. Program execution continues at the restored
address.
Program Counter ← Stack
ACC ← x
None
Return from interrupt
The Program Counter is restored from the stack and the interrupts are re-enabled
by setting the EMI bit. EMI is the master interrupt global enable bit. If an interrupt
was pending when the RETI instruction is executed, the pending Interrupt routine
will be processed before returning to the main program.
Program Counter ← Stack
EMI ← 1
None
Rotate Data Memory left
The contents of the specified Data Memory are rotated left by 1 bit with bit 7
rotated into bit 0.
[m].(i+1) ← [m].i; (i = 0~6)
[m].0 ← [m].7
None
OR A,[m]
Description
Operation
Affected flag(s)
OR A,x
Description
Operation
Affected flag(s)
ORM A,[m]
Description
Operation
Affected flag(s)
RET
Description
Operation
Affected flag(s)
RET A,x
Description
Operation
Affected flag(s)
RETI
Description
Operation
Affected flag(s)
RL [m]
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com