Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GT04H-P05-50K-R11-TR Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # GT04H-P05-50K-R11-TR
Description  CRI 75 White LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

GT04H-P05-50K-R11-TR Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  GT04H-P05-50K-R11-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
5
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
PN of the B05 series: Typ. CRI 75 White LEDs
The table below is a list of part numbers for the EHP-B05 5W series White LED. All parts listed match ANSI
binning standards. Bin offerings of 2700K to 6500K are listed and currently available. CRI is also listed with min
70 to 80. Typical view angle is 140°. These clearly listed binning options allow for proper design and
implementation into lighting applications.
For Example: If you order product using EHP-B05MLG/GT04H-P05/57K/R11/TR, you will get White,
EHP-B05 series LEDs at 700mA are listed below.
EHP-B05MLG represents by **
Color
Order Code of EHP-B05
Luminous Flux
(lm) [1]
CCT(K)
Forward
Voltage
(V) [2]
CRI
Typ
CRI
Min
[3]
**/GT04H-P05/65K/R11/TR
400-450
450-500
65K-1~65K-4
6.0 - 7.0
75
70
**/GT04H-P05/57K/R11/TR
400-450
450-500
57K-1~57K-4
6.0 - 7.0
75
70
**/GT04H-P05/50K/R11/TR
400-450
450-500
50K-1~50K-4
6.0 - 7.0
75
70
**/LM04H-P05/45K/N52/TR
350-400
400-450
45K-1~45K-4
6.0 - 7.0
75
70
**/LM04H-P05/40K/N52/TR
350-400
400-450
40K-1~40K-4
6.0 - 7.0
75
70
**/LM04H-P05/35K/N51/TR
300-350
350-400
35K-1~35K-4
6.0 - 7.0
75
70
**/LM04H-P05/30K/N51/TR
300-350
350-400
30K-1~30K-4
6.0 - 7.0
75
70
**/LM04H-P05/27K/N51/TR
300-350
350-400
27K-1~27K-4
6.0 - 7.0
75
70
Color
Variant
Radiation
Pattern
CRI
Typ
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
75
57K-1 ~ 57K-2
57K-3 ~ 57K-4
6.0~6.5(O4)
6.5~7.0(O5)
400
Warm
White
2700
Warm
White
3000
Warm
White
3500
Neutral
White
4000
Neutral
White
4500
Cool
White
5000
Cool
White
5700
Cool
White
6500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com